Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C7885 Datasheet (PDF) - Hamamatsu Corporation

C7885 Datasheet PDF - Hamamatsu Corporation
Part # C7885
Download  C7885 Download
File Size   219.04 Kbytes
Page   4 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description Driver circuit for NMOS linear image sensor

C7885 Datasheet (PDF)

Go To PDF Page Download Datasheet
C7885 Datasheet PDF - Hamamatsu Corporation

Part # C7885
Download  C7885 Click to download

File Size   219.04 Kbytes
Page   4 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description Driver circuit for NMOS linear image sensor

C7885 Datasheet (HTML) - Hamamatsu Corporation


C7885 Product details

Driver circuit for voltage-output type NMOS linear image sensor



C7885 series is a driver circuit specifically designed for the Hamamatsu voltage-output type NMOS linear image sensors (S3921 to S3924 series). NMOS linear image sensors are self-scanning photodiode arrays integrated with a scanning circuit of N-channel MOS transistors. C7885 series supplies start pulses, 2-phase clock pulses and reset pulses necessary for voltage-output type image sensor operation. C7885 series also includes a signal processing circuit that inverts and amplifies video signals from an image sensor. C7885 series operates by input of a master start pulse, master clock pulse and connection to a power supply (+12 V or +15 V).



Features

• Suitable for voltage-output type image sensors

• Compact (compared to conventional type C4074)

• Single power supply (+12 V or +15 V) operation



 




Similar Part No. - C7885

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C7885 HAMAMATSU-C7885 Datasheet
190Kb / 3P
Driver circuit for voltage-output type NMOS linear image sensor
C7885G HAMAMATSU-C7885G Datasheet
190Kb / 3P
Driver circuit for voltage-output type NMOS linear image sensor
C7885 HAMAMATSU-C7885_07 Datasheet
190Kb / 3P
Driver circuit for voltage-output type NMOS linear image sensor
More results


Similar Description - C7885

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C7883 HAMAMATSU-C7883 Datasheet
212Kb / 4P
Driver circuit for NMOS linear image sensor
C7884 HAMAMATSU-C7884 Datasheet
228Kb / 5P
Driver circuit for NMOS linear image sensor
C8225 HAMAMATSU-C8225 Datasheet
113Kb / 2P
Pulse generator for NMOS linear image sensor driver circuit
S3901 HAMAMATSU-S3901 Datasheet
240Kb / 6P
NMOS Linear image sensor
S3901-1024Q HAMAMATSU-S3901-1024Q Datasheet
122Kb / 4P
NMOS Linear image sensor
C7885 HAMAMATSU-C7885_07 Datasheet
190Kb / 3P
Driver circuit for voltage-output type NMOS linear image sensor
S3904-F HAMAMATSU-S3904-F Datasheet
196Kb / 4P
NMOS linear image sensor
S3901-1024Q HAMAMATSU-S3901-1024Q_07 Datasheet
117Kb / 4P
NMOS linear image sensor
S5930 HAMAMATSU-S5930_15 Datasheet
1Mb / 10P
NMOS linear image sensor
S3922 HAMAMATSU-S3922_15 Datasheet
229Kb / 7P
NMOS linear image sensor
More results




About Hamamatsu Corporation


Hamamatsu Corporation is a Japanese company that specializes in the development and manufacture of optoelectronic and photonic devices, including photomultiplier tubes, image sensors, and light sources. The company was founded in 1953 in Hamamatsu, Japan, and has since become a global leader in the optoelectronics industry.

Hamamatsu Corporation's products are used in a variety of applications, including medical equipment, scientific research, industrial automation, and communications. The company is known for its high-quality and reliable products, and its technology is widely used by researchers and engineers around the world.

In addition to its optoelectronic products, Hamamatsu Corporation also provides measurement and analysis services, as well as solutions for industrial inspection and control. The company has offices and facilities around the world, including in the United States, Europe, and Asia, and is committed to advancing the field of optoelectronics through ongoing research and development.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com