Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C8855 Datasheet (PDF) - Hamamatsu Corporation

C8855 Datasheet PDF - Hamamatsu Corporation
Part # C8855
Download  C8855 Download
File Size   73.82 Kbytes
Page   2 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description USB INTERFACE COMPATIBLE COUNTING UNIT

C8855 Datasheet (PDF)

Go To PDF Page Download Datasheet
C8855 Datasheet PDF - Hamamatsu Corporation

Part # C8855
Download  C8855 Click to download

File Size   73.82 Kbytes
Page   2 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description USB INTERFACE COMPATIBLE COUNTING UNIT

C8855 Datasheet (HTML) - Hamamatsu Corporation


C8855 Product details

OVER VIEW
The C8855 is a counting unit with a USB interface and can be used as a photon counter when combined with a photon counting head, etc.
The counter of the C8855 has two counter circuits (double counter method) capable of counting input signals with no dead time. The USB interface easily connects to a notebook PC allowing measurement in an even wider application field. When used with a photon counting head, the C8855 supplies power (+5 V / 200 mA) necessary to operate the photon counting head. Since the C8855 is hot-swap compatible (plug and play compatible), it helps you set up measurement environment quickly. You can start measurement on the day the C8855 is delivered by using the sample software that supplied with the C8855.

FEATURES
● Compatible with USB interface (Ver. 1.1)
● Compatible with Windows® 98/98SE/2000/Me
● Sample software supplied as standard item
● Accurate measurement with no dead time (double counter method)
● Supplies power to operate photon counting head (power supply capacity: +5 V / 200 mA)




Similar Part No. - C8855

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C8855-01 HAMAMATSU-C8855-01_15 Datasheet
627Kb / 4P
USB INTERFACE COMPATIBLE COUNTING UNIT
More results


Similar Description - C8855

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
M8784 HAMAMATSU-M8784 Datasheet
67Kb / 2P
PCI BUS COMPATIBLE COUNTING BOARD
logo
List of Unclassifed Man...
78P7200 ETC1-78P7200 Datasheet
171Kb / 11P
Line Interface Unit
logo
Hamamatsu Corporation
C8799 HAMAMATSU-C8799_07 Datasheet
143Kb / 4P
Data processing unit with USB interface
C9744 HAMAMATSU-C9744 Datasheet
119Kb / 2P
PHOTON COUNTING UNIT
logo
Gamewell-FCI by Honeywe...
IDU GAMEWELL-FCI-IDU Datasheet
60Kb / 1P
Addressable Interface Unit
logo
Tripp Lite. All Rights ...
B078-101-USB TRIPPLITE-B078-101-USB Datasheet
484Kb / 4P
KVM Switch Accessories - NetCommander USB Server Interface Unit (SIU)
logo
Hamamatsu Corporation
C9744 HAMAMATSU-C9744_15 Datasheet
245Kb / 2P
PHOTON COUNTING UNIT
C8855-01 HAMAMATSU-C8855-01_15 Datasheet
627Kb / 4P
USB INTERFACE COMPATIBLE COUNTING UNIT
logo
Shenzhen Huazhimei Semi...
HM4056C HMSEMI-HM4056C Datasheet
708Kb / 9P
1.0A Linear battery management chip compatible with USB interface
logo
Pepperl+Fuchs Inc.
IC-KP2-1HB6-V15B PF-IC-KP2-1HB6-V15B Datasheet
772Kb / 4P
Control interface unit
More results




About Hamamatsu Corporation


Hamamatsu Corporation is a Japanese company that specializes in the development and manufacture of optoelectronic and photonic devices, including photomultiplier tubes, image sensors, and light sources. The company was founded in 1953 in Hamamatsu, Japan, and has since become a global leader in the optoelectronics industry.

Hamamatsu Corporation's products are used in a variety of applications, including medical equipment, scientific research, industrial automation, and communications. The company is known for its high-quality and reliable products, and its technology is widely used by researchers and engineers around the world.

In addition to its optoelectronic products, Hamamatsu Corporation also provides measurement and analysis services, as well as solutions for industrial inspection and control. The company has offices and facilities around the world, including in the United States, Europe, and Asia, and is committed to advancing the field of optoelectronics through ongoing research and development.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com