Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H7680 Datasheet (PDF) - Hamamatsu Corporation

H7680 Datasheet PDF - Hamamatsu Corporation
Part # H7680
Download  H7680 Download
File Size   109.93 Kbytes
Page   4 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description Gated PMT Modules

H7680 Datasheet (PDF)

Go To PDF Page Download Datasheet
H7680 Datasheet PDF - Hamamatsu Corporation

Part # H7680
Download  H7680 Click to download

File Size   109.93 Kbytes
Page   4 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description Gated PMT Modules

H7680 Datasheet (HTML) - Hamamatsu Corporation


H7680 Product details

The H7680/-01 PMT modules are capable of high-speed, high-repetition gated operation. An optimum design in the combination of circuit and photomultiplier tube delivers excellent gating characteristics including a minimum gate width of 30 ns (H7680-01), 100 kHz repetition rate, and a gate extinction ratio of 107. The H7680/-01 can operate on a low +15 V supply because of incor porating high-voltage power suppy circuit. And, the incorporated PMT gain

can be controled by adjusting the control voltage between +2 V to +5 V.




Similar Part No. - H7680

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
H768 GILWAY-H768 Datasheet
61Kb / 1P
LED Panel Mounting Clips
More results


Similar Description - H7680

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C7169 HAMAMATSU-C7169 Datasheet
285Kb / 4P
Power Supply for PMT Modules
H8249 HAMAMATSU-H8249 Datasheet
86Kb / 2P
Side-on PMT
H10515B HAMAMATSU-H10515B_15 Datasheet
560Kb / 12P
LINEAR ARRAY MULTIANODE PMT ASSEMBLIES AND MODULES
H10492 HAMAMATSU-H10492_15 Datasheet
80Kb / 2P
Head-on PMT
H10426 HAMAMATSU-H10426_15 Datasheet
66Kb / 2P
Head-on PMT
H10425 HAMAMATSU-H10425_15 Datasheet
67Kb / 2P
Head-on PMT
H8259 HAMAMATSU-H8259_15 Datasheet
87Kb / 2P
Side-on PMT
H11890 HAMAMATSU-H11890_15 Datasheet
114Kb / 2P
Metal Package PMT
H11870 HAMAMATSU-H11870_15 Datasheet
104Kb / 2P
Head-on PMT
H10723 HAMAMATSU-H10723_15 Datasheet
84Kb / 2P
Metal Package PMT
More results




About Hamamatsu Corporation


Hamamatsu Corporation is a Japanese company that specializes in the development and manufacture of optoelectronic and photonic devices, including photomultiplier tubes, image sensors, and light sources. The company was founded in 1953 in Hamamatsu, Japan, and has since become a global leader in the optoelectronics industry.

Hamamatsu Corporation's products are used in a variety of applications, including medical equipment, scientific research, industrial automation, and communications. The company is known for its high-quality and reliable products, and its technology is widely used by researchers and engineers around the world.

In addition to its optoelectronic products, Hamamatsu Corporation also provides measurement and analysis services, as well as solutions for industrial inspection and control. The company has offices and facilities around the world, including in the United States, Europe, and Asia, and is committed to advancing the field of optoelectronics through ongoing research and development.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com