Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4342 Datasheet (PDF) - Hamamatsu Corporation

L4342 Datasheet PDF - Hamamatsu Corporation
Part # L4342
Download  L4342 Download
File Size   41.76 Kbytes
Page   2 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description SHORT-ARC TYPE METAL HALIDE LAMP

L4342 Datasheet (PDF)

Go To PDF Page Download Datasheet
L4342 Datasheet PDF - Hamamatsu Corporation

Part # L4342
Download  L4342 Click to download

File Size   41.76 Kbytes
Page   2 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description SHORT-ARC TYPE METAL HALIDE LAMP

L4342 Datasheet (HTML) - Hamamatsu Corporation


L4342 Product details

4 Times Higher Luminous Efficiency (than Xenon Lamp and Halogen Lamp)
White, Point Light Source with 7500 K Color Temperature

FEATURES
● High Luminous Efficiency : 76 lm/W
   About 4 times higher luminous efficiency than Xenon lamp
   and Halogen lamp (20 to 25 lm/W)
● White light, Excellent Color Rendering
   :7500 K Color Temperature
   Similar color temperature to sun light
   (Illumination Metal Halide Lamp : Approx. 4500 K)
● Long Life : 3000 hours (Expectancy)
   Long life of 3000 hours in spite of compact short-arc type
● Short Arc : Arc Gap 5 mm
   Easy optical designing because of point light source
● Compact Size : Overall Length 76 mm

APPLICATIONS
● Liquid Crystal Projector
● Over Head Projector
● Light Source for Fiber
● Film/Slide Projector
● Color Printer
● Microscope




Similar Part No. - L4342

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
L434-155.52 CONNOR-WINFIELD-L434-155.52 Datasheet
119Kb / 2P
5.0x7.0mm Surface Mount LVDS Clock Oscillator Series
More results


Similar Description - L4342

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L5431 HAMAMATSU-L5431 Datasheet
61Kb / 2P
SHORT-ARC TYPE METAL HALIDE LAMP
logo
alpha microelectronics ...
AMG-LM302 ALPHA-MICRO-AMG-LM302 Datasheet
754Kb / 23P
Ballast Controller for Metal Halide Lamps
logo
STMicroelectronics
AN2747 STMICROELECTRONICS-AN2747 Datasheet
1Mb / 44P
250 W HID metal halide electronic ballast
06-May-2008
logo
Molex Electronics Ltd.
130114-0004 MOLEX11-130114-0004 Datasheet
23Kb / 1P
Ballast 70W Metal Halide
logo
Hamamatsu Corporation
L10878 HAMAMATSU-L10878_15 Datasheet
186Kb / 2P
LONG LIFE 100 W XENON SHORT ARC REFLECTOR LAMP
logo
List of Unclassifed Man...
PE150AF ETC2-PE150AF Datasheet
548Kb / 4P
CERMAX짰 XENON SHORT-ARC LAMPS
PE175BFA ETC2-PE175BFA Datasheet
647Kb / 4P
CERMAX짰 XENON SHORT-ARC LAMPS
PE300BFA ETC2-PE300BFA Datasheet
730Kb / 4P
CERMAX짰 XENON SHORT-ARC LAMPS
PE300C-10F ETC2-PE300C-10F Datasheet
697Kb / 4P
CERMAX짰 XENON SHORT-ARC LAMPS
logo
PerkinElmer Optoelectro...
FX1150 PERKINELMER-FX1150 Datasheet
1Mb / 4P
High Stability Short Arc Xenon Flashlamps
More results




About Hamamatsu Corporation


Hamamatsu Corporation is a Japanese company that specializes in the development and manufacture of optoelectronic and photonic devices, including photomultiplier tubes, image sensors, and light sources. The company was founded in 1953 in Hamamatsu, Japan, and has since become a global leader in the optoelectronics industry.

Hamamatsu Corporation's products are used in a variety of applications, including medical equipment, scientific research, industrial automation, and communications. The company is known for its high-quality and reliable products, and its technology is widely used by researchers and engineers around the world.

In addition to its optoelectronic products, Hamamatsu Corporation also provides measurement and analysis services, as well as solutions for industrial inspection and control. The company has offices and facilities around the world, including in the United States, Europe, and Asia, and is committed to advancing the field of optoelectronics through ongoing research and development.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com