Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L8245 Datasheet (PDF) - Hamamatsu Corporation

L8245 Datasheet PDF - Hamamatsu Corporation
Part # L8245
Download  L8245 Download
File Size   106.8 Kbytes
Page   2 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description Peak emission wavelength: 1.65 關m

L8245 Datasheet (PDF)

Go To PDF Page Download Datasheet
L8245 Datasheet PDF - Hamamatsu Corporation

Part # L8245
Download  L8245 Click to download

File Size   106.8 Kbytes
Page   2 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description Peak emission wavelength: 1.65 關m

L8245 Datasheet (HTML) - Hamamatsu Corporation


L8245 Product details

Infrared LED

Peak emission wavelength: 1.65 µm

L8245 is a long-wavelength infrared LED using an InGaAs chip. The peak emission occurs at a wavelength near the methane gas absorption band, making L8245 ideal for a light source for methane gas detection.

Features
● Peak emission wavelength: 1.65 µm
● High radiant output

Applications
● Light source for methane gas detection




Similar Part No. - L8245

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L8245 HAMAMATSU-L8245_06 Datasheet
59Kb / 2P
Infrared LED
More results


Similar Description - L8245

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L7850 HAMAMATSU-L7850 Datasheet
130Kb / 2P
Peak emission wavelength: 1.45 關m
L7866 HAMAMATSU-L7866 Datasheet
124Kb / 2P
Peak emission wavelength: 1.3 關m
logo
Marktech Corporate
MTE1300SL-WRC MARKTECH-MTE1300SL-WRC Datasheet
643Kb / 3P
Peak Emission Wavelength: 1300nm
MTE3061N-UO MARKTECH-MTE3061N-UO Datasheet
698Kb / 3P
Peak Emission Wavelength: 620nm
MTE6066C-UR MARKTECH-MTE6066C-UR Datasheet
667Kb / 4P
Peak Emission Wavelength: 660nm
MTE8560MT MARKTECH-MTE8560MT Datasheet
760Kb / 4P
Peak Emission Wavelength: 850nm
MTE8800N1 MARKTECH-MTE8800N1 Datasheet
639Kb / 4P
Peak Emission Wavelength: 880nm
MTE9440CP MARKTECH-MTE9440CP Datasheet
882Kb / 4P
Peak Emission Wavelength: 945nm
MTPS2085BSL1 MARKTECH-MTPS2085BSL1 Datasheet
593Kb / 3P
Peak Emission Wavelength: 850nm
MTPS7065MT MARKTECH-MTPS7065MT Datasheet
729Kb / 4P
Peak Emission Wavelength: 650nm
More results




About Hamamatsu Corporation


Hamamatsu Corporation is a Japanese company that specializes in the development and manufacture of optoelectronic and photonic devices, including photomultiplier tubes, image sensors, and light sources. The company was founded in 1953 in Hamamatsu, Japan, and has since become a global leader in the optoelectronics industry.

Hamamatsu Corporation's products are used in a variety of applications, including medical equipment, scientific research, industrial automation, and communications. The company is known for its high-quality and reliable products, and its technology is widely used by researchers and engineers around the world.

In addition to its optoelectronic products, Hamamatsu Corporation also provides measurement and analysis services, as well as solutions for industrial inspection and control. The company has offices and facilities around the world, including in the United States, Europe, and Asia, and is committed to advancing the field of optoelectronics through ongoing research and development.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com