Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L8347 Datasheet (PDF) - Hamamatsu Corporation

L8347 Datasheet PDF - Hamamatsu Corporation
Part # L8347
Download  L8347 Download
File Size   131.18 Kbytes
Page   2 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description Laser diode

L8347 Datasheet (PDF)

Go To PDF Page Download Datasheet
L8347 Datasheet PDF - Hamamatsu Corporation

Part # L8347
Download  L8347 Click to download

File Size   131.18 Kbytes
Page   2 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description Laser diode

L8347 Datasheet (HTML) - Hamamatsu Corporation


L8347 Product details

Laser diode
Pigtail type, 1.3 µm, 1.25, 2.5 Gbps

L8347 and L7892 series are high-speed infrared emitter devices specifically developed for 1.3 µm band optical fiber communications. These devices incorporate a high-speed Fabry-Perot laser diode integrated in a pig-tail module. Packages are available with various connectors and mounting styles.

Features
● High-speed Fabry-Perot laser diode
    L8347 series: 1.25 Gbps
    L7892 series: 2.5 Gbps
● Compatible with single-mode optical fiber

Applications
● Optical fiber communications
● Fiber channel
● Gigabit ethernet
● HDTV
● SDH




Similar Part No. - L8347

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L8312 UTC-L8312 Datasheet
164Kb / 6P
DUAL POLARIZATION AND TONE SWITCH CONTROLLER
L8312G-R16-R UTC-L8312G-R16-R Datasheet
164Kb / 6P
DUAL POLARIZATION AND TONE SWITCH CONTROLLER
L8312G-R16-R UTC-L8312G-R16-R Datasheet
171Kb / 6P
DUAL POLARIZATION AND TONE SWITCH CONTROLLER
L8312L-R16-R UTC-L8312L-R16-R Datasheet
164Kb / 6P
DUAL POLARIZATION AND TONE SWITCH CONTROLLER
L8312 UTC-L8312_15 Datasheet
171Kb / 6P
DUAL POLARIZATION AND TONE SWITCH CONTROLLER
More results


Similar Description - L8347

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NDVA416T NICHIA-NDVA416T Datasheet
185Kb / 3P
Laser Diode
NUB206E NICHIA-NUB206E_16 Datasheet
212Kb / 2P
Laser Diode
logo
Renesas Technology Corp
NDL7001L RENESAS-NDL7001L Datasheet
188Kb / 10P
LASER DIODE
1995
NDL7103 RENESAS-NDL7103 Datasheet
177Kb / 8P
LASER DIODE
1995
NDL7163 RENESAS-NDL7163 Datasheet
178Kb / 8P
LASER DIODE
1995
NDL7400P RENESAS-NDL7400P Datasheet
188Kb / 10P
LASER DIODE
1996
NDL7514P RENESAS-NDL7514P Datasheet
198Kb / 10P
LASER DIODE
1995
NDL7515P RENESAS-NDL7515P Datasheet
190Kb / 10P
LASER DIODE
1996
NDL7540PA RENESAS-NDL7540PA Datasheet
195Kb / 10P
LASER DIODE
1995
NDL7563P RENESAS-NDL7563P Datasheet
195Kb / 10P
LASER DIODE
1995
More results




About Hamamatsu Corporation


Hamamatsu Corporation is a Japanese company that specializes in the development and manufacture of optoelectronic and photonic devices, including photomultiplier tubes, image sensors, and light sources. The company was founded in 1953 in Hamamatsu, Japan, and has since become a global leader in the optoelectronics industry.

Hamamatsu Corporation's products are used in a variety of applications, including medical equipment, scientific research, industrial automation, and communications. The company is known for its high-quality and reliable products, and its technology is widely used by researchers and engineers around the world.

In addition to its optoelectronic products, Hamamatsu Corporation also provides measurement and analysis services, as well as solutions for industrial inspection and control. The company has offices and facilities around the world, including in the United States, Europe, and Asia, and is committed to advancing the field of optoelectronics through ongoing research and development.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com