Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P8212 Datasheet (PDF) - Hamamatsu Corporation

P8212 Datasheet PDF - Hamamatsu Corporation
Part # P8212
Download  P8212 Download
File Size   144.45 Kbytes
Page   2 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description Light emitting/receiving module

P8212 Datasheet (PDF)

Go To PDF Page Download Datasheet
P8212 Datasheet PDF - Hamamatsu Corporation

Part # P8212
Download  P8212 Click to download

File Size   144.45 Kbytes
Page   2 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description Light emitting/receiving module

P8212 Datasheet (HTML) - Hamamatsu Corporation


P8212 Product details

Integrated light emitting/receiving elements for automobile VICS

P8212 is a light emitting/receiving module consisting of an LED array and a photodiode in the same small package. The width of this module is minimized so that automobile antennas can be designed thin. A lens is also fitted onto the photodiode to increase the amount of input light. Although the lens makes the photodiode directivity narrow, this problem was solved by separating the photodiode optical axis from the LED axis to match the light emitting and receiving areas required for VICS.

Features
● Small package
● Lens design optimized for light emitting/receiving timings
● Cylindrical lens with less pickup error during component mounting

Applications
● Automobile VICS




Similar Part No. - P8212

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
P8212 HAMAMATSU-P8212_15 Datasheet
159Kb / 2P
Integrated light emitting/receiving elements for automobile VICS
More results


Similar Description - P8212

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1F31T SHARP-GP1F31T Datasheet
128Kb / 8P
Light Transmitting/Receiving Units
logo
Infineon Technologies A...
SBM82314G INFINEON-SBM82314G Datasheet
278Kb / 11P
Medium Power BIDI Optical Standard Module 1550 nm Emitting, 1310 nm Receiving
2002-05-01
logo
NEC
SE310 NEC-SE310 Datasheet
58Kb / 2P
LIGHT EMITTING
logo
KODENSHI_AUK CORP.
PSR11L KODENSHI-PSR11L Datasheet
243Kb / 2P
composed of a modulated infrared emitting diode at the light-emitting side and a modulated photo IC at the light receiving side
logo
Infineon Technologies A...
SBL52414X INFINEON-SBL52414X Datasheet
237Kb / 4P
BIDI Optical Standard Module 1310 nm Emitting, 1550 nm Receiving
MAY 2002
logo
List of Unclassifed Man...
C-15-F04 ETC2-C-15-F04 Datasheet
507Kb / 4P
1550nm Emitting , 1310nm Receiving (PIN-TIA, 3.3V), Bi-directional Diplexer Optical Module
logo
Source Photonics, Inc.
ODP-35-DP-HD-SSCA SOURCE-ODP-35-DP-HD-SSCA Datasheet
125Kb / 4P
1310nm Emitting (DFB), 1550nm Receiving (Analog) , Bi-directional Diplexer Optical Module
ODP-35-FP-HD-SSCA SOURCE-ODP-35-FP-HD-SSCA Datasheet
125Kb / 4P
1310nm Emitting (FP), 1550nm Receiving (Analog) , Bi-directional Diplexer Optical Module
ODP-65-DP-HD-SSCA SOURCE-ODP-65-DP-HD-SSCA Datasheet
125Kb / 4P
1610nm Emitting (CWDM), 1550nm Receiving (Analog) , Bi-directional Diplexer Optical Module
logo
Hamamatsu Corporation
P8212 HAMAMATSU-P8212_15 Datasheet
159Kb / 2P
Integrated light emitting/receiving elements for automobile VICS
More results




About Hamamatsu Corporation


Hamamatsu Corporation is a Japanese company that specializes in the development and manufacture of optoelectronic and photonic devices, including photomultiplier tubes, image sensors, and light sources. The company was founded in 1953 in Hamamatsu, Japan, and has since become a global leader in the optoelectronics industry.

Hamamatsu Corporation's products are used in a variety of applications, including medical equipment, scientific research, industrial automation, and communications. The company is known for its high-quality and reliable products, and its technology is widely used by researchers and engineers around the world.

In addition to its optoelectronic products, Hamamatsu Corporation also provides measurement and analysis services, as well as solutions for industrial inspection and control. The company has offices and facilities around the world, including in the United States, Europe, and Asia, and is committed to advancing the field of optoelectronics through ongoing research and development.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com