Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLP-10 Datasheet (PDF) - Hamamatsu Corporation

PLP-10 Datasheet PDF - Hamamatsu Corporation
Part # PLP-10
Download  PLP-10 Download
File Size   186.16 Kbytes
Page   2 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description HIGH-REPETITION PICOSECOND LIGHT PULSER Model PLP-10

PLP-10 Datasheet (PDF)

Go To PDF Page Download Datasheet
PLP-10 Datasheet PDF - Hamamatsu Corporation

Part # PLP-10
Download  PLP-10 Click to download

File Size   186.16 Kbytes
Page   2 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description HIGH-REPETITION PICOSECOND LIGHT PULSER Model PLP-10

PLP-10 Datasheet (HTML) - Hamamatsu Corporation


PLP-10 Product details

IGH-REPETITION PICOSECOND LIGHT PULSER Model PLP-10

High repetition up to 100 MHz Wavelength range from 375 to 1,550nm




Similar Part No. - PLP-10

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
PLP-10.7 MINI-PLP-10.7 Datasheet
166Kb / 1P
Low Pass Filter
PLP-10.7+ MINI-PLP-10.7+ Datasheet
268Kb / 1P
LOW PASS FILTERS
PLP-10.7+ MINI-PLP-10.7+ Datasheet
166Kb / 1P
Low Pass Filter
PLP-10.7-75 MINI-PLP-10.7-75 Datasheet
167Kb / 1P
Low Pass Filter
PLP-10.7-75+ MINI-PLP-10.7-75+ Datasheet
167Kb / 1P
Low Pass Filter
More results


Similar Description - PLP-10

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C4258 HAMAMATSU-C4258 Datasheet
74Kb / 2P
PICOSECOND PHOTODETECTOR
logo
Panasonic Semiconductor
CGA533048 PANASONIC-CGA533048 Datasheet
201Kb / 1P
LIGHT WEIGHT PRISMATIC MODEL
logo
Supertex, Inc
HV739 SUTEX-HV739 Datasheet
640Kb / 7P
High Speed 짹100V 3.0A Ultrasound Pulser
HV758 SUTEX-HV758 Datasheet
656Kb / 7P
Quad High Speed 짹90V 2.2A Ultrasound Pulser
HV732DB1 SUTEX-HV732DB1 Datasheet
802Kb / 8P
High Speed 짹100V 2A Integrated Ultrasound Pulser Demo Board
HV748 SUTEX-HV748 Datasheet
581Kb / 7P
Quad High Speed 짹75V 1.25A Ultrasound Pulser
logo
Texas Instruments
LM96551 TI1-LM96551 Datasheet
1Mb / 14P
Ultrasound Transmit Pulser
LM96550 TI1-LM96550_14 Datasheet
416Kb / 15P
Ultrasound Transmit Pulser
LM96551 TI1-LM96551_16 Datasheet
1Mb / 17P
Ultrasound Transmit Pulser
logo
Good Will Instrument Co...
GLP-1A GWINSTEK-GLP-1A Datasheet
106Kb / 1P
LOGIC PROBE & PULSER
More results




About Hamamatsu Corporation


Hamamatsu Corporation is a Japanese company that specializes in the development and manufacture of optoelectronic and photonic devices, including photomultiplier tubes, image sensors, and light sources. The company was founded in 1953 in Hamamatsu, Japan, and has since become a global leader in the optoelectronics industry.

Hamamatsu Corporation's products are used in a variety of applications, including medical equipment, scientific research, industrial automation, and communications. The company is known for its high-quality and reliable products, and its technology is widely used by researchers and engineers around the world.

In addition to its optoelectronic products, Hamamatsu Corporation also provides measurement and analysis services, as well as solutions for industrial inspection and control. The company has offices and facilities around the world, including in the United States, Europe, and Asia, and is committed to advancing the field of optoelectronics through ongoing research and development.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com