Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R33B Datasheet (PDF) - Hamamatsu Corporation

R33B Datasheet PDF - Hamamatsu Corporation
Part # R33B
Download  R33B Download
File Size   85.75 Kbytes
Page   4 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description PHOTOMULTlPLlER TUBES

R33B Datasheet (PDF)

Go To PDF Page Download Datasheet
R33B Datasheet PDF - Hamamatsu Corporation

Part # R33B
Download  R33B Click to download

File Size   85.75 Kbytes
Page   4 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description PHOTOMULTlPLlER TUBES

R33B Datasheet (HTML) - Hamamatsu Corporation


R33B Product details

PHOTOMULTlPLlER TUBES

InGaAs (Cs) Photocathode, Wide Spectral Response, 51mm (2") Dia., Head-on Type For Photon Counting : Low Dark Counts, Excellent P.H.D.

Hamamatsu R3310-02 and R4330-02 are 51mm (2") diameter head-on type photomultiplier tubes having InGaAs (Cs) photocathodes, and linear focused CuBeO dynodes. The InGaAs (Cs) photocathode allows high sensitivity over a wide spectral range up to 1040nm.
The R3310-02 and the R4330-02 are selected for photon counting, and they feature low dark counts and excellent pulse height distribution (PHD) of single photoelectrons.

FEATURES
   Wide Spectral Response
      R3310-02 ........................................... 300 to 1040nm
      R4330-02 ............................................ 160 to 1040nm
   High Quantum Efficiency in IR ...........0.25% at 1µm
   Fast Rise Time ......................................3.0ns at 1500V
   Excellent Single Photoelectron
      Pulse Height Distribution ........................... Peak to Valley Ratio 2.3 (at –20°C)
   Low Dark Counts ....................... 30cps Typ. (at –20°C)

APPLICATIONS
● Raman Spectroscopy
● Fluorescent Spectroscopy
● Astrophysical Measurement
● Laser Detection




Similar Part No. - R33B

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R33B HAMAMATSU-R33B Datasheet
51Kb / 4P
PHOTOMULTIPLIER TUBES
R33B HAMAMATSU-R33B Datasheet
58Kb / 2P
For Liquid Scintillation Counting, Photon Counting Application 51mm (2 Inch) Diameter, Bialkali Photocathode, 12 Stages, Head-On Type
More results


Similar Description - R33B

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R1527 HAMAMATSU-R1527 Datasheet
84Kb / 4P
PHOTOMULTlPLlER TUBES
R2693 HAMAMATSU-R2693 Datasheet
68Kb / 4P
PHOTOMULTlPLlER TUBES
R3788 HAMAMATSU-R3788 Datasheet
73Kb / 4P
PHOTOMULTlPLlER TUBES
R4220 HAMAMATSU-R4220 Datasheet
75Kb / 4P
PHOTOMULTlPLlER TUBES
R464 HAMAMATSU-R464 Datasheet
35Kb / 2P
PHOTOMULTlPLlER TUBES
R632 HAMAMATSU-R632 Datasheet
27Kb / 2P
PHOTOMULTlPLlER TUBES
R877 HAMAMATSU-R877 Datasheet
20Kb / 2P
PHOTOMULTlPLlER TUBES
R980 HAMAMATSU-R980 Datasheet
66Kb / 2P
PHOTOMULTlPLlER TUBES
R7446 HAMAMATSU-R7446 Datasheet
70Kb / 4P
PHOTOMULTlPLlER TUBES
R7447 HAMAMATSU-R7447 Datasheet
68Kb / 4P
PHOTOMULTlPLlER TUBES
More results




About Hamamatsu Corporation


Hamamatsu Corporation is a Japanese company that specializes in the development and manufacture of optoelectronic and photonic devices, including photomultiplier tubes, image sensors, and light sources. The company was founded in 1953 in Hamamatsu, Japan, and has since become a global leader in the optoelectronics industry.

Hamamatsu Corporation's products are used in a variety of applications, including medical equipment, scientific research, industrial automation, and communications. The company is known for its high-quality and reliable products, and its technology is widely used by researchers and engineers around the world.

In addition to its optoelectronic products, Hamamatsu Corporation also provides measurement and analysis services, as well as solutions for industrial inspection and control. The company has offices and facilities around the world, including in the United States, Europe, and Asia, and is committed to advancing the field of optoelectronics through ongoing research and development.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com