Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R4332 Datasheet (PDF) - Hamamatsu Corporation

R4332 Datasheet PDF - Hamamatsu Corporation
Part # R4332
Download  R4332 Download
File Size   73.19 Kbytes
Page   4 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description PHOTOMULTlPLlER TUBES

R4332 Datasheet (PDF)

Go To PDF Page Download Datasheet
R4332 Datasheet PDF - Hamamatsu Corporation

Part # R4332
Download  R4332 Click to download

File Size   73.19 Kbytes
Page   4 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description PHOTOMULTlPLlER TUBES

R4332 Datasheet (HTML) - Hamamatsu Corporation


R4332 Product details

PHOTOMULTlPLlER TUBES

High Sensitivity, Bialkali Photocathode
28mm (1-1/8 Inch) Diameter, 9-Stage, Side-On Type

FEATURES
● Spectral Response
   R3788 .................................................... 185 to 750 nm
   R4332 ..................................................... 160 to 750 nm
● High Cathode Sensitivity
   Luminous ........................................... 120 μA/lm Typ.
   Radiant at 420nm .................................. 90mA/W Typ.
   Quantum Efficiency at 210nm ......... 40% Typ. (R4332)
● High Anode Sensitivity (at 1000V)
   Luminous ............................................... 1200A/lm Typ.
   Radiant at 420nm ............................ 9.0 x 105 A/W Typ.

APPLICATIONS
● Fluorescence Spectrophotometers
● Emission Spectrophotometers
● Atomic Absorption Spectrophotometers




Similar Part No. - R4332

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R4332 HAMAMATSU-R4332 Datasheet
178Kb / 4P
PHOTOMULTIPLIER TUBES
More results


Similar Description - R4332

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R1527 HAMAMATSU-R1527 Datasheet
84Kb / 4P
PHOTOMULTlPLlER TUBES
R2693 HAMAMATSU-R2693 Datasheet
68Kb / 4P
PHOTOMULTlPLlER TUBES
R3310-02 HAMAMATSU-R3310-02 Datasheet
85Kb / 4P
PHOTOMULTlPLlER TUBES
R4220 HAMAMATSU-R4220 Datasheet
75Kb / 4P
PHOTOMULTlPLlER TUBES
R464 HAMAMATSU-R464 Datasheet
35Kb / 2P
PHOTOMULTlPLlER TUBES
R632 HAMAMATSU-R632 Datasheet
27Kb / 2P
PHOTOMULTlPLlER TUBES
R877 HAMAMATSU-R877 Datasheet
20Kb / 2P
PHOTOMULTlPLlER TUBES
R980 HAMAMATSU-R980 Datasheet
66Kb / 2P
PHOTOMULTlPLlER TUBES
R7446 HAMAMATSU-R7446 Datasheet
70Kb / 4P
PHOTOMULTlPLlER TUBES
R7447 HAMAMATSU-R7447 Datasheet
68Kb / 4P
PHOTOMULTlPLlER TUBES
More results




About Hamamatsu Corporation


Hamamatsu Corporation is a Japanese company that specializes in the development and manufacture of optoelectronic and photonic devices, including photomultiplier tubes, image sensors, and light sources. The company was founded in 1953 in Hamamatsu, Japan, and has since become a global leader in the optoelectronics industry.

Hamamatsu Corporation's products are used in a variety of applications, including medical equipment, scientific research, industrial automation, and communications. The company is known for its high-quality and reliable products, and its technology is widely used by researchers and engineers around the world.

In addition to its optoelectronic products, Hamamatsu Corporation also provides measurement and analysis services, as well as solutions for industrial inspection and control. The company has offices and facilities around the world, including in the United States, Europe, and Asia, and is committed to advancing the field of optoelectronics through ongoing research and development.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com