Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A28 Datasheet (PDF) - Micrel Semiconductor

A28 Datasheet PDF - Micrel Semiconductor
Part # A28
Download  A28 Download
File Size   941.04 Kbytes
Page   14 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Flexible Ultra-Low Jitter Clock Synthesizer

A28 Datasheet (PDF)

Go To PDF Page Download Datasheet
A28 Datasheet PDF - Micrel Semiconductor

Part # A28
Download  A28 Click to download

File Size   941.04 Kbytes
Page   14 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Flexible Ultra-Low Jitter Clock Synthesizer

A28 Datasheet (HTML) - Micrel Semiconductor


A28 Product details

General Description
The SM803020 is a dual-PLL clock generator that achieves ultra-low, 74.2fs_rms output jitter at 156.25MHz output frequency. It accepts a crystal input or a reference input.
Each output channel is individually configurable to a differential PECL, LVDS, HCSL, or CMOS output logic level. PECL is selected by default, but can be overridden through SPI. It is packaged in a dual-row 84-pin 7mm x 7mm package.

Features
• Generates twelve 156.25MHz outputs
• Independently programmable output logic:
   − Output logic: LVPECL (default), LVDS, HCSL,
      LVCMOS
• 74.2fs jitter at 156.25MHz (1.875MHz to 20MHz)
• Selectable inputs require 39.0625MHz input frequency
   − XTAL (default)
   − Differential or single-ended reference clock (SPI
      selectable)
• 2.5V or 3.3V operating power supply
• Separate output power supplies:
   − Different banks can be at different levels
• Industrial temperature range (–40°C to +85°C)
• Green, RoHS, and PFOS compliant
• Available in 84-pin 7mm × 7mm QFN package

Applications
• 1/10/40/100 Gigabit Ethernet




Similar Part No. - A28

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A28 MACOM-A28 Datasheet
107Kb / 1P
10 TO 1500 MHz CASCADABLE AMPLIFIER
logo
DB Lectro Inc
A28 DBLECTRO-A28 Datasheet
231Kb / 1P
MICRO-MATCH MINIATURE CONNECTOR (MALE ON WIRE TYPE)
logo
Tyco Electronics
A28 MACOM-A28 Datasheet
359Kb / 2P
Cascadable Amplifier 10 to 1500 MHz
logo
M/A-COM Technology Solu...
A28 MA-COM-A28 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 1500 MHz
logo
List of Unclassifed Man...
A28 ETC2-A28 Datasheet
213Kb / 7P
Process Sealed Subminiature Toggles
More results


Similar Description - A28

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SM840051 MICREL-SM840051 Datasheet
297Kb / 10P
10 Gigabit Ethernet Ultra-Low Jitter Clock Synthesizer
SM840001 MICREL-SM840001 Datasheet
313Kb / 8P
106.25MHz Ultra-Low Jitter Clock Synthesizer
SM840004-11 MICREL-SM840004-11 Datasheet
236Kb / 10P
62.5/125MHz Gigabit Ethernet, 4 Output, Ultra-Low Jitter Clock Synthesizer
SM840021 MICREL-SM840021 Datasheet
342Kb / 10P
125MHz Ultra-Low Jitter Clock Synthesizer
SM843001-106 MICREL-SM843001-106 Datasheet
338Kb / 7P
ClockWorks??Fibre Channel, 106.25MHz, Ultra-Low Jitter LVPECL Clock Frequency Synthesizer
SM843001-212 MICREL-SM843001-212 Datasheet
331Kb / 7P
ClockWorks Fibre Channel, 212.5MHz, Ultra-Low Jitter LVPECL Clock Frequency Synthesizer
SM843031-01 MICREL-SM843031-01 Datasheet
331Kb / 7P
ClockWorks??10-Gigabit Ethernet, 312.5MHz, Ultra-Low Jitter LVPECL Clock Frequency Synthesizer
logo
Texas Instruments
LMK03328 TI1-LMK03328 Datasheet
2Mb / 153P
Ultra-Low Jitter Clock Generator
logo
Pericom Semiconductor C...
PI6CXG06F62A PERICOM-PI6CXG06F62A Datasheet
580Kb / 2P
FlexOut Ultra Low Jitter Clock Generator
logo
Microchip Technology
SM813XXX MICROCHIP-SM813XXX Datasheet
477Kb / 21P
Flexible Ultra-Low Jitter Clock Synthesizer
07/14/15
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com