Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H7260K Datasheet (PDF) - Hamamatsu Corporation

H7260K Datasheet PDF - Hamamatsu Corporation
Part # H7260K
Download  H7260K Download
File Size   285.53 Kbytes
Page   8 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description LINEAR ARRAY MULTIANODE PMT AND ASSEMBLY

H7260K Datasheet (PDF)

Go To PDF Page Download Datasheet
H7260K Datasheet PDF - Hamamatsu Corporation

Part # H7260K
Download  H7260K Click to download

File Size   285.53 Kbytes
Page   8 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description LINEAR ARRAY MULTIANODE PMT AND ASSEMBLY

H7260K Datasheet (HTML) - Hamamatsu Corporation


H7260K Product details

FEATURES
● High Cathode Sensitivity
    Luminous 250 µA/lm Typ. (-01 Type)
    Luminous 500 µA/lm Typ. (-20 Type)
● Anode Structure
    1 mm Channel Pitch
    R5900U-L16 Series..... 0.8 mm × 16 Anodes
    H7260 Series............... 0.8 mm × 32 Anodes
● High Speed Response: Rise Time 0.6 ns Typ.

APPLICATIONS
● Biomedical Fluorescence Detection
● Laser Scanning Detection
● Spectroscopy
● Environmental Monitoring




Similar Part No. - H7260K

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
H7260 HAMAMATSU-H7260 Datasheet
542Kb / 12P
LINEAR ARRAY MULTIANODE PMT ASSEMBLY AND MODULE
H7260-01 HAMAMATSU-H7260-01 Datasheet
542Kb / 12P
LINEAR ARRAY MULTIANODE PMT ASSEMBLY AND MODULE
H7260-03 HAMAMATSU-H7260-03 Datasheet
542Kb / 12P
LINEAR ARRAY MULTIANODE PMT ASSEMBLY AND MODULE
H7260-04 HAMAMATSU-H7260-04 Datasheet
542Kb / 12P
LINEAR ARRAY MULTIANODE PMT ASSEMBLY AND MODULE
H7260-100 HAMAMATSU-H7260-100 Datasheet
542Kb / 12P
LINEAR ARRAY MULTIANODE PMT ASSEMBLY AND MODULE
More results


Similar Description - H7260K

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
H7546B HAMAMATSU-H7546B Datasheet
101Kb / 4P
MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY
H8711 HAMAMATSU-H8711 Datasheet
86Kb / 4P
MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY
R5900U-00-M4 HAMAMATSU-R5900U-00-M4 Datasheet
74Kb / 4P
MULTIANODE PHOTOMULTIPLIER TUBE
H9530 HAMAMATSU-H9530 Datasheet
135Kb / 2P
8 CHANNEL LINEAR ARRAY MULTIANODE PMT ASSEMBLY
H8500 HAMAMATSU-H8500 Datasheet
177Kb / 4P
FLAT PANEL TYPE MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY
H8711 HAMAMATSU-H8711_07 Datasheet
166Kb / 4P
MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY
H9500 HAMAMATSU-H9500 Datasheet
155Kb / 4P
FLAT PANEL TYPE MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY
R5900U-M4 HAMAMATSU-R5900U-M4 Datasheet
165Kb / 4P
MULTIANODE PHOTOMULTIPLIER TUBE
H11460-03 HAMAMATSU-H11460-03 Datasheet
542Kb / 12P
LINEAR ARRAY MULTIANODE PMT ASSEMBLY AND MODULE
H10515B HAMAMATSU-H10515B_15 Datasheet
560Kb / 12P
LINEAR ARRAY MULTIANODE PMT ASSEMBLIES AND MODULES
More results




About Hamamatsu Corporation


Hamamatsu Corporation is a Japanese company that specializes in the development and manufacture of optoelectronic and photonic devices, including photomultiplier tubes, image sensors, and light sources. The company was founded in 1953 in Hamamatsu, Japan, and has since become a global leader in the optoelectronics industry.

Hamamatsu Corporation's products are used in a variety of applications, including medical equipment, scientific research, industrial automation, and communications. The company is known for its high-quality and reliable products, and its technology is widely used by researchers and engineers around the world.

In addition to its optoelectronic products, Hamamatsu Corporation also provides measurement and analysis services, as well as solutions for industrial inspection and control. The company has offices and facilities around the world, including in the United States, Europe, and Asia, and is committed to advancing the field of optoelectronics through ongoing research and development.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com