Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTA7002N Datasheet (PDF) - ON Semiconductor

NTA7002N Datasheet PDF - ON Semiconductor
Part # NTA7002N
Download  NTA7002N Download
File Size   105.18 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 30 V, 154 mA, Single, N?묬hannel, Gate ESD Protection, SC-75

NTA7002N Datasheet (PDF)

Go To PDF Page Download Datasheet
NTA7002N Datasheet PDF - ON Semiconductor

Part # NTA7002N
Download  NTA7002N Click to download

File Size   105.18 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 30 V, 154 mA, Single, N?묬hannel, Gate ESD Protection, SC-75

NTA7002N Datasheet (HTML) - ON Semiconductor


NTA7002N Product details

MOSFET – Single, N-Channel, Small Signal, Gate ESD Protection, SC-75 30 V, 154 mA

Features
• Low Gate Charge for Fast Switching
• Small 1.6 x 1.6 mm Footprint
• ESD Protected Gate
• NV Prefix for Automotive and Other Applications Requiring Unique
    Site and Control Change Requirements; AEC−Q101 Qualified and PPAP Capable
• These Devices are Pb−Free and are RoHS Compliant

Applications
• Power Management Load Switch
• Level Shift
• Portable Applications such as Cell Phones, Media Players, Digital Cameras, PDA’s, Video Games, Hand−Held Computers, etc.




Similar Part No. - NTA7002N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTA7002N ONSEMI-NTA7002N Datasheet
56Kb / 6P
Small Signal MOSFET 30 V, 154 mA, Single, N?묬hannel, Gate ESD Protection, SC??5
July, 2005 ??Rev. 1
NTA7002NT1 ONSEMI-NTA7002NT1 Datasheet
56Kb / 6P
Small Signal MOSFET 30 V, 154 mA, Single, N?묬hannel, Gate ESD Protection, SC??5
July, 2005 ??Rev. 1
NTA7002NT1G ONSEMI-NTA7002NT1G Datasheet
56Kb / 6P
Small Signal MOSFET 30 V, 154 mA, Single, N?묬hannel, Gate ESD Protection, SC??5
July, 2005 ??Rev. 1
More results


Similar Description - NTA7002N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTA4001N ONSEMI-NTA4001N Datasheet
61Kb / 6P
Small Signal MOSFET 20 V, 238 mA, Single, N?묬hannel, Gate ESD Protection, SC??5
September, 2003 ??Rev. 0
NTA7002N ONSEMI-NTA7002N Datasheet
56Kb / 6P
Small Signal MOSFET 30 V, 154 mA, Single, N?묬hannel, Gate ESD Protection, SC??5
July, 2005 ??Rev. 1
NTA4153N ONSEMI-NTA4153N Datasheet
74Kb / 6P
Small Signal MOSFET 20 V, 915 mA, Single N?묬hannel with ESD Protection, SC??5 and SC??9
March, 2007 ??Rev. 5
logo
WILLAS ELECTRONIC CORP
2N7002NT1 WILLAS-2N7002NT1 Datasheet
327Kb / 5P
30 V, 154 mA, Single
logo
ON Semiconductor
NVLJD4007NZ ONSEMI-NVLJD4007NZ Datasheet
132Kb / 6P
30 V, 245 mA, Dual, N?묬hannel, Gate ESD Protection, 2x2 WDFN Package
May, 2013 ??Rev. 0
logo
Leshan Radio Company
LNTK3043NT5G LRC-LNTK3043NT5G Datasheet
169Kb / 5P
20 V, 285 mA, N?묬hannel with ESD Protection, SOT??23
LNTK4003M3T5G LRC-LNTK4003M3T5G Datasheet
441Kb / 5P
30 V, 0.56 A, Single, N?묬hannel,Gate ESD Protection
LNTR4003NLT1G LRC-LNTR4003NLT1G Datasheet
447Kb / 5P
30 V, 0.56 A, Single, N?묬hannel,Gate ESD Protection, SOT-23
logo
First Silicon Co., Ltd
FTK4003N FS-FTK4003N Datasheet
485Kb / 5P
30V, 0.56A, N?묬hannel, Gate ESD Protection
FTK7002EN FS-FTK7002EN Datasheet
291Kb / 5P
Small Signal MOSFET 30 V, 154 mA, Single, N?묬hannel, Gate ESD Protection
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com