Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1960 Datasheet (PDF) - Hitachi Semiconductor

2SA1960 Datasheet PDF - Hitachi Semiconductor
Part # 2SA1960
Download  2SA1960 Download
File Size   29.38 Kbytes
Page   7 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Silicon NPN Epitaxial

2SA1960 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SA1960 Datasheet PDF - Hitachi Semiconductor

Part # 2SA1960
Download  2SA1960 Click to download

File Size   29.38 Kbytes
Page   7 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Silicon NPN Epitaxial

2SA1960 Datasheet (HTML) - Hitachi Semiconductor


2SA1960 Product details

Features
• High voltage large current operation.
   VCEO = –80 V, IC = –300 mA
• High fT.
   fT = 1.3 GHz
• Small output capacitance.
   Cob = 2.9 pF

Application
• Wide band video output amplifier for color CRT monitor.
• High frequency high voltage amplifier.
• High speed power switching.
• Complementary pair with 2SC5225.




Similar Part No. - 2SA1960

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SA1961 PANASONIC-2SA1961 Datasheet
37Kb / 2P
Silicon PNP epitaxial planer type
logo
Toshiba Semiconductor
2SA1962 TOSHIBA-2SA1962 Datasheet
150Kb / 2P
TRANSISTOR (POWER AMPLIFIER APPLICATIONS)
2SA1962 TOSHIBA-2SA1962 Datasheet
129Kb / 4P
Power Amplifier Applications
logo
Fairchild Semiconductor
2SA1962 FAIRCHILD-2SA1962 Datasheet
206Kb / 6P
PNP Epitaxial Silicon Transistor
logo
Inchange Semiconductor ...
2SA1962 ISC-2SA1962 Datasheet
110Kb / 2P
isc Silicon PNP Power Transistor
More results


Similar Description - 2SA1960

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC1890A RENESAS-2SC1890A Datasheet
172Kb / 6P
Silicon NPN Epitaxial
2SC2853 RENESAS-2SC2853 Datasheet
169Kb / 7P
Silicon NPN Epitaxial
2SC4196 RENESAS-2SC4196 Datasheet
203Kb / 8P
Silicon NPN Epitaxial
2SC4197 RENESAS-2SC4197 Datasheet
125Kb / 10P
Silicon NPN Epitaxial
2SC4784 RENESAS-2SC4784 Datasheet
220Kb / 9P
Silicon NPN Epitaxial
2SC4901 RENESAS-2SC4901 Datasheet
86Kb / 8P
Silicon NPN Epitaxial
2SC4995 RENESAS-2SC4995 Datasheet
254Kb / 10P
Silicon NPN Epitaxial
2SD667 RENESAS-2SD667 Datasheet
159Kb / 6P
Silicon NPN Epitaxial
2SD1418 RENESAS-2SD1418 Datasheet
98Kb / 6P
Silicon NPN Epitaxial
2SC2396 RENESAS-2SC2396 Datasheet
145Kb / 7P
Silicon NPN Epitaxial
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com