Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA836 Datasheet (PDF) - Hitachi Semiconductor

2SA836 Datasheet PDF - Hitachi Semiconductor
Part # 2SA836
Download  2SA836 Download
File Size   32.79 Kbytes
Page   6 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Silicon PNP Epitaxial

2SA836 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SA836 Datasheet PDF - Hitachi Semiconductor

Part # 2SA836
Download  2SA836 Click to download

File Size   32.79 Kbytes
Page   6 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Silicon PNP Epitaxial

2SA836 Datasheet (HTML) - Hitachi Semiconductor


2SA836 Product details

Low frequency low noise amplifier / PNP



 



Collector to base voltage VCBO :  –55 V

Collector to emitter voltage VCEO : –55 V

Emitter to base voltage VEBO : –5 V

Collector current IC :  –100 mA



 



 



 




Similar Part No. - 2SA836

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
2SA836 TEL-2SA836 Datasheet
76Kb / 1P
Plastic-Encapsulated Transistors
logo
Renesas Technology Corp
2SA836 RENESAS-2SA836 Datasheet
169Kb / 6P
Silicon PNP Epitaxial
logo
SHENZHEN YONGERJIA INDU...
2SA836 WINNERJOIN-2SA836 Datasheet
143Kb / 1P
TRANSISTOR (PNP)
logo
Jiangsu Changjiang Elec...
2SA836 JIANGSU-2SA836 Datasheet
478Kb / 5P
TO-92 Plastic-Encapsulate Transistors
logo
Nanjing International G...
2SA836 DGNJDZ-2SA836 Datasheet
1Mb / 5P
TO-92 Plastic-Encapsulate Transistors
More results


Similar Description - 2SA836

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SA778 RENESAS-2SA778 Datasheet
106Kb / 7P
Silicon PNP Epitaxial
2SA893A RENESAS-2SA893A Datasheet
161Kb / 5P
Silicon PNP Epitaxial
2SA1121 RENESAS-2SA1121 Datasheet
65Kb / 5P
Silicon PNP Epitaxial
2SA1122 RENESAS-2SA1122 Datasheet
164Kb / 5P
Silicon PNP Epitaxial
2SA2080 RENESAS-2SA2080_05 Datasheet
172Kb / 6P
Silicon PNP Epitaxial
2SB562 RENESAS-2SB562 Datasheet
157Kb / 6P
Silicon PNP Epitaxial
2SB831 RENESAS-2SB831 Datasheet
160Kb / 6P
Silicon PNP Epitaxial
2SA1468 RENESAS-2SA1468 Datasheet
154Kb / 8P
Silicon PNP Epitaxial
2SB1059 RENESAS-2SB1059 Datasheet
139Kb / 6P
Silicon PNP Epitaxial
2SB1409 RENESAS-2SB1409 Datasheet
152Kb / 8P
Silicon PNP Epitaxial
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com