Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISP1105 Datasheet (PDF) - Ericsson

ISP1105 Datasheet PDF - Ericsson
Part # ISP1105
Download  ISP1105 Download
File Size   757.17 Kbytes
Page   25 Pages
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson
Description Advanced USB transceivers

ISP1105 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISP1105 Datasheet PDF - Ericsson

Part # ISP1105
Download  ISP1105 Click to download

File Size   757.17 Kbytes
Page   25 Pages
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson
Description Advanced USB transceivers

ISP1105 Datasheet (HTML) - Ericsson


ISP1105 Product details

General description
The ISP1105/1106 range of Universal Serial Bus (USB) transceivers are compliant with the Universal Serial Bus Specification Rev. 2.0. They can transmit and receive serial data at both full-speed (12 Mbit/s) and low-speed (1.5 Mbit/s) data rates. The ISP1105/1106 range can be used as a USB device transceiver or a USB host transceiver.
They allow USB Application Specific ICs (ASICs) and Programmable Logic Devices (PLDs) with power supply voltages from 1.65 V to 3.6 V to interface with the physical layer of the Universal Serial Bus. They have an integrated 5 V-to-3.3 V voltage regulator for direct powering via the USB supply VBUS.
ISP1105 allows single-ended and differential input modes selectable by a MODE input and it is available in HVQFN16 and HBCC16 packages. ISP1106 allows only differential input mode and is available in both TSSOP16 and HBCC16 packages.
The ISP1105/1106 are ideal for portable electronics devices such as mobile phones, digital still cameras, Personal Digital Assistants (PDA) and Information Appliances (IA).

Features
■ Complies with Universal Serial Bus Specification Rev. 2.0
■ Can transmit and receive serial data at both full-speed (12 Mbit/s) and low-speed
   (1.5 Mbit/s) data rates
■ Integrated bypassable 5 V-to-3.3 V voltage regulator for powering via USB VBUS
■ VBUS disconnection indication through VP and VM
■ Used as a USB device transceiver or a USB host transceiver
■ Stable RCV output during SE0 condition
■ Two single-ended receivers with hysteresis
■ Low-power operation
■ Supports an I/O voltage range from 1.65 V to 3.6 V
■ ±12 kV ESD protection at the D+, D−, VCC(5.0) and GND pins
■ Full industrial operating temperature range from −40 °C to +85 °C
■ Available in small HBCC16, HVQFN16 (only ISP1105) and TSSOP16 (only ISP1106) packages
   The ISP1105 HBCC16 and HVQFN16 are lead-free and halogen-free.
   The ISP1106 HBCC16 is lead-free.
  
Applications
■ Portable electronic devices, such as:
   ♦ Mobile phone
   ♦ Digital still camera
   ♦ Personal Digital Assistant (PDA)
   ♦ Information Appliance (IA).




Similar Part No. - ISP1105

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ISP1105 PHILIPS-ISP1105 Datasheet
588Kb / 24P
Advanced Universal Serial Bus transceivers
Rev. 06-30 November 2001
ISP1105W PHILIPS-ISP1105W Datasheet
588Kb / 24P
Advanced Universal Serial Bus transceivers
Rev. 06-30 November 2001
More results


Similar Description - ISP1105

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ISP1105 PHILIPS-ISP1105 Datasheet
588Kb / 24P
Advanced Universal Serial Bus transceivers
Rev. 06-30 November 2001
logo
Maxim Integrated Produc...
MAX3450E MAXIM-MAX3450E Datasheet
379Kb / 16P
짹15kV ESD-Protected USB Transceivers
Rev 1; 11/03
MAX3453E MAXIM-MAX3453E Datasheet
366Kb / 19P
짹15kV ESD-Protected USB Transceivers
Rev 1; 10/03
logo
Level One
LXT300Z LVL1-LXT300Z Datasheet
519Kb / 20P
ADVANCED T1/E1 SHORT-HAUL TRANSCEIVERS
logo
Texas Instruments
TUSB1105 TI-TUSB1105 Datasheet
894Kb / 30P
ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVERS
logo
Maxim Integrated Produc...
MAX3450E MAXIM-MAX3450E_08 Datasheet
210Kb / 14P
±15kV ESD-Protected USB Transceivers
Rev 2; 10/08
logo
Texas Instruments
TUSB1105 TI-TUSB1105_10 Datasheet
1Mb / 33P
ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVERS
TUSB1106 TI-TUSB1106_10 Datasheet
1Mb / 34P
ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVERS
logo
Maxim Integrated Produc...
MAX3453E MAXIM-MAX3453E_06 Datasheet
325Kb / 19P
±15kV ESD-Protected USB Transceivers
Rev 4; 2/06
logo
Texas Instruments
TUSB1106-Q1 TI1-TUSB1106-Q1 Datasheet
594Kb / 24P
ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVERS
More results




About Ericsson


Ericsson is a Swedish multinational telecommunications company that was founded in 1876. The company is one of the world's leading providers of communications technology and services, and has a significant presence in the mobile and fixed network infrastructure markets.

Ericsson provides a wide range of products and services for mobile and fixed networks, including equipment for wireless and wired communication, IP networking, and cloud services. The company also offers software and services for network and business operations, as well as consulting, training, and managed services.

Ericsson is at the forefront of 5G technology and is heavily involved in the development and deployment of 5G networks around the world. The company is also working on developing new technologies for the Internet of Things (IoT) and is a leader in the development of network automation and artificial intelligence (AI) solutions.

Ericsson operates in more than 180 countries and has a strong global presence, with R&D centers located in several countries, including Sweden, China, and the United States.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com