Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PKM4318GEPI Datasheet (PDF) - Ericsson

PKM4318GEPI Datasheet PDF - Ericsson
Part # PKM4318GEPI
Download  PKM4318GEPI Download
File Size   2264.78 Kbytes
Page   37 Pages
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson
Description 36-75 Vdc DC/DC converter Output up to 20 A/50 W

PKM4318GEPI Datasheet (PDF)

Go To PDF Page Download Datasheet
PKM4318GEPI Datasheet PDF - Ericsson

Part # PKM4318GEPI
Download  PKM4318GEPI Click to download

File Size   2264.78 Kbytes
Page   37 Pages
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson
Description 36-75 Vdc DC/DC converter Output up to 20 A/50 W

PKM4318GEPI Datasheet (HTML) - Ericsson




Similar Part No. - PKM4318GEPI

ManufacturerPart #DatasheetDescription
logo
StarHope
PKM430AB SPSEMI-PKM430AB Datasheet
257Kb / 2P
Glass passiated junction
PKM430CB SPSEMI-PKM430CB Datasheet
257Kb / 2P
Glass passiated junction
More results


Similar Description - PKM4318GEPI

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
JW150A MACOM-JW150A Datasheet
1Mb / 20P
Power Modules: dc-dc Converters; 36 to 75 Vdc Input, 5 Vdc Output; 50 W to 150 W
JFC050C MACOM-JFC050C Datasheet
378Kb / 20P
dc-dc Converters; 18 to 36 Vdc Input; 15 Vdc Output; 50 W to 100 W
logo
Wall Industries,Inc.
LANC485.1W12 WALL-LANC485.1W12 Datasheet
1Mb / 14P
DC/DC Converter 36-75 VDC Input 5.1 VDC Output at 2.4A
LANC4805DW8 WALL-LANC4805DW8 Datasheet
1Mb / 14P
DC/DC Converter 36-75 VDC Input 짹5.0 VDC Output at 짹0.8A
logo
Lineage Power Corporati...
JBW050A1 LINEAGEPOWER-JBW050A1 Datasheet
294Kb / 16P
36 to 75 Vdc Input, 5 Vdc Output; 50 W
JAW050A1 LINEAGEPOWER-JAW050A1 Datasheet
435Kb / 16P
JAW050A and JAW075A Power Modules; dc-dc Converters 36 Vdc to 75 Vdc Input, 5 Vdc Output; 50 W to 75 W
JW050F1 LINEAGEPOWER-JW050F1 Datasheet
838Kb / 20P
dc-dc Converters; 36 to 75 Vdc Input, 3.3 Vdc Output; 33 W to 99 W
logo
Ericsson
PKY4716PI ERICSSON-PKY4716PI Datasheet
981Kb / 20P
DC/DC converters, Input 36-75 V, Output up to 25 A/700 W
logo
Lineage Power Corporati...
JW050B1 LINEAGEPOWER-JW050B1 Datasheet
573Kb / 20P
dc-dc Converters; 36 to 75 Vdc Input, 12 Vdc Output; 50 W to 150 W
FW300A1 LINEAGEPOWER-FW300A1 Datasheet
599Kb / 20P
dc-dc Converters 36 to 75 Vdc Input, 5 Vdc Output 250 W to 300 W
More results




About Ericsson


Ericsson is a Swedish multinational telecommunications company that was founded in 1876. The company is one of the world's leading providers of communications technology and services, and has a significant presence in the mobile and fixed network infrastructure markets.

Ericsson provides a wide range of products and services for mobile and fixed networks, including equipment for wireless and wired communication, IP networking, and cloud services. The company also offers software and services for network and business operations, as well as consulting, training, and managed services.

Ericsson is at the forefront of 5G technology and is heavily involved in the development and deployment of 5G networks around the world. The company is also working on developing new technologies for the Internet of Things (IoT) and is a leader in the development of network automation and artificial intelligence (AI) solutions.

Ericsson operates in more than 180 countries and has a strong global presence, with R&D centers located in several countries, including Sweden, China, and the United States.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com