Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S6S2RP Datasheet (PDF) - Littelfuse

S6S2RP Datasheet PDF - Littelfuse
Part # S6S2RP
Download  S6S2RP Download
File Size   293.67 Kbytes
Page   10 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Teccor brand Thyristors

S6S2RP Datasheet (PDF)

Go To PDF Page Download Datasheet
S6S2RP Datasheet PDF - Littelfuse

Part # S6S2RP
Download  S6S2RP Click to download

File Size   293.67 Kbytes
Page   10 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Teccor brand Thyristors

S6S2RP Datasheet (HTML) - Littelfuse


S6S2RP Product details

Description
Excellent unidirectional switches for phase control applications such as heating and motor speed controls.
Sensitive gate SCRs are easily triggered with microAmps of current as furnished by sense coils, proximity switches, and microprocessors.

Features & Benefits
• RoHS compliant
• Glass - passivated junctions
• Voltage capability up to 500 V
• Surge capability up to 20 A

Applications
   Typical applications are capacitive discharge systems for strobe lights and gas engine ignition. Also controls for power tools, home/brown goods and white goods appliances.




Similar Part No. - S6S2RP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
S6S2 LITTELFUSE-S6S2 Datasheet
199Kb / 12P
Sensitive SCRs (0.8 A to 10 A)
S6S2 LITTELFUSE-S6S2 Datasheet
980Kb / 10P
Teccor brand Thyristors 0.8 Amp Sensitive SCRs
logo
List of Unclassifed Man...
S6S2 ETC2-S6S2 Datasheet
205Kb / 12P
RoHS Compliant
S6S2 ETC2-S6S2 Datasheet
205Kb / 12P
RoHS Compliant
More results


Similar Description - S6S2RP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
S402ES LITTELFUSE-S402ES Datasheet
224Kb / 8P
Teccor brand Thyristors
K2201G LITTELFUSE-K2201G Datasheet
225Kb / 6P
Teccor brand Thyristors
LX8 LITTELFUSE-LX8 Datasheet
257Kb / 8P
Teccor brand Thyristors
Q6025K6TP LITTELFUSE-Q6025K6TP Datasheet
278Kb / 11P
Teccor brand Thyristors
K2500SRP LITTELFUSE-K2500SRP Datasheet
431Kb / 12P
Teccor brand Thyristors
S2055WTP LITTELFUSE-S2055WTP Datasheet
236Kb / 9P
Teccor brand Thyristors
L0109MTRP LITTELFUSE-L0109MTRP Datasheet
1Mb / 8P
Teccor brand Thyristors Teccor brand Thyristors
S4065KTP LITTELFUSE-S4065KTP Datasheet
245Kb / 8P
Teccor brand Thyristors
S2065KTP LITTELFUSE-S2065KTP Datasheet
207Kb / 8P
Teccor brand Thyristors
S4040XQX LITTELFUSE-S4040XQX Datasheet
920Kb / 8P
Teccor brand Thyristors
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com