Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

75168 Datasheet (PDF) - FCI connector

75168 Datasheet PDF - FCI connector
Part # 75168
Download  75168 Download
File Size   144.09 Kbytes
Page   2 Pages
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector
Description HEADER SR RA POL 2.54mm

75168 Datasheet (PDF)

Go To PDF Page Download Datasheet
75168 Datasheet PDF - FCI connector

Part # 75168
Download  75168 Click to download

File Size   144.09 Kbytes
Page   2 Pages
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector
Description HEADER SR RA POL 2.54mm

75168 Datasheet (HTML) - FCI connector




Similar Part No. - 75168

ManufacturerPart #DatasheetDescription
logo
FCI connector
75168-101-02LF FCI-CONNECTOR-75168-101-02LF Datasheet
144Kb / 2P
HEADER, SR, RA, POL, 2.54mm
More results


Similar Description - 75168

ManufacturerPart #DatasheetDescription
logo
FCI connector
75168-101-02LF FCI-CONNECTOR-75168-101-02LF Datasheet
144Kb / 2P
HEADER, SR, RA, POL, 2.54mm
76382-303LF FCI-CONNECTOR-76382-303LF Datasheet
91Kb / 1P
shr, header ra sr tmt
logo
List of Unclassifed Man...
75160-150-02LF ETC2-75160-150-02LF Datasheet
114Kb / 2P
HEADER SR,STR 2.54MM PITCH
logo
FCI connector
76382-302LF FCI-CONNECTOR-76382-302LF Datasheet
91Kb / 1P
SHR. HEADER RA SR TMT
76382-402LF FCI-CONNECTOR-76382-402LF Datasheet
91Kb / 1P
SHR. HEADER RA SR TMT
logo
List of Unclassifed Man...
XXXCXXSXXN-M71RC ETC2-XXXCXXSXXN-M71RC Datasheet
188Kb / 1P
HEADER MALE .100ITCH, RA
logo
FCI connector
76382 FCI-CONNECTOR-76382 Datasheet
91Kb / 1P
SSHR HEADER RA SR TMT
75160-102-36LF FCI-CONNECTOR-75160-102-36LF Datasheet
114Kb / 2P
HEADER SR, STR 2.54mm PITCH
77315-124-06LF FCI-CONNECTOR-77315-124-06LF Datasheet
139Kb / 2P
UNSHR,HEADER RA SR TMT
logo
List of Unclassifed Man...
PPTC132LJBN ETC2-PPTC132LJBN Datasheet
300Kb / 1P
HEADER FEMALE, 2.54mm CC, 2 ROWS, RA
More results




About FCI connector


FCI connector is a type of electrical connector produced by FCI (Framatome Connectors International), a manufacturer of connectors and interconnect systems for a variety of industries, including telecommunications, consumer electronics, automotive, industrial, and aerospace.

FCI connectors are designed to provide a reliable and secure electrical connection between two devices or components. They come in a wide range of sizes and configurations to accommodate different applications and requirements, and they are commonly used in printed circuit boards (PCBs), backplanes, and other electronic systems.

Some of the key features of FCI connectors include their durability, high speed and signal integrity, low profile, and ease of installation. They are also designed to withstand harsh environments, such as high temperatures and vibrations.

FCI offers a broad portfolio of connectors, including board-to-board connectors, wire-to-board connectors, input/output (I/O) connectors, and power connectors. The company also provides a range of engineering and design services to help customers develop custom connectors and interconnect solutions for their specific needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com