Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB05S Datasheet (PDF) - Shenzhen Luguang Electronic Technology Co., Ltd

MB05S Datasheet PDF - Shenzhen Luguang Electronic Technology Co., Ltd
Part # MB05S
Download  MB05S Download
File Size   173.63 Kbytes
Page   2 Pages
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd
Description This series is UL recognized under Component Index, file number E239431

MB05S Datasheet (PDF)

Go To PDF Page Download Datasheet
MB05S Datasheet PDF - Shenzhen Luguang Electronic Technology Co., Ltd

Part # MB05S
Download  MB05S Click to download

File Size   173.63 Kbytes
Page   2 Pages
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd
Description This series is UL recognized under Component Index, file number E239431

MB05S Datasheet (HTML) - Shenzhen Luguang Electronic Technology Co., Ltd


MB05S Product details

VOLTAGE RANGE: 50 --- 1000 V CURRENT: 0.5 A

Features
◇ This series is UL recognized under Component Index,
   file number E239431
◇ Glass passivated chip junctions
◇ Plastic materrial has U/L flammability classification 94V-O
◇ Saves space on printed circuit boards
◇ High surge overload rating: 35A peak
◇ High temperature soldering guaranteed:
◇ 260°C/10 seconds at 5 lbs. (2.3kg) tension




Similar Part No. - MB05S

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MB05S MCC-MB05S Datasheet
51Kb / 2P
0.5Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
MB05S MCC-MB05S Datasheet
117Kb / 3P
0.5Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Shenzhen Ping Sheng Ele...
MB05S PFS-MB05S Datasheet
181Kb / 2P
0.5Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Galaxy Semi-Conductor H...
MB05S BILIN-MB05S Datasheet
166Kb / 2P
SILICON BRIDGE RECTIFIERS
logo
Gaomi Xinghe Electronic...
MB05S GXELECTRONICS-MB05S Datasheet
842Kb / 2P
Glass passivated chip junctions
More results


Similar Description - MB05S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LB2S-LB10S ETC2-LB2S-LB10S Datasheet
125Kb / 2P
This series is UL recognized under Component Index file number E239431
logo
Tyco Electronics
5-1437567-8 MACOM-5-1437567-8 Datasheet
6Mb / 326P
DIP Switch Part Number Index
logo
Shenzhen Luguang Electr...
MB1S LUGUANG-MB1S Datasheet
173Kb / 2P
This series is UL recognized under Component Index, file number E239431
logo
Nell Semiconductor Co.,...
MTP500 NELLSEMI-MTP500 Datasheet
375Kb / 3P
UL recognition file number E320098
MTPT150 NELLSEMI-MTPT150 Datasheet
501Kb / 5P
UL recognition file number E320098
logo
Allied Components Inter...
AEE14-3888-A ALLIED-AEE14-3888-A Datasheet
1Mb / 2P
Meets UL Class B 130C UL File number E349541
AEFD153-4204 ALLIED-AEFD153-4204 Datasheet
1Mb / 2P
Built to meet UL Class B 130 File Number E349541
AEFD153-4211 ALLIED-AEFD153-4211 Datasheet
1Mb / 2P
Built to meet UL Class B 130 File Number E349541
AEW15-3889-A ALLIED-AEW15-3889-A Datasheet
2Mb / 3P
EW15 Transformer, Meet UL Class B 130C UL File number E349541
logo
Shanghai Leiditech Elec...
D2UB05 LEIDITECH-D2UB05 Datasheet
1Mb / 3P
UL recognition, file #E230084
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com