Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6C10804 Datasheet (PDF) - Pericom Semiconductor Corporation

PI6C10804 Datasheet PDF - Pericom Semiconductor Corporation
Part # PI6C10804
Download  PI6C10804 Download
File Size   373.24 Kbytes
Page   7 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description 1.5V/1.8V/2.5V, 180MHz, 1:4 Networking Clock Buffer

PI6C10804 Datasheet (PDF)

Go To PDF Page Download Datasheet
PI6C10804 Datasheet PDF - Pericom Semiconductor Corporation

Part # PI6C10804
Download  PI6C10804 Click to download

File Size   373.24 Kbytes
Page   7 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description 1.5V/1.8V/2.5V, 180MHz, 1:4 Networking Clock Buffer

PI6C10804 Datasheet (HTML) - Pericom Semiconductor Corporation


PI6C10804 Product details

Description
The PI6C10804 is a 1.5V to 2.5V high-speed, low-noise 1:4 non-inverting clock buffer. The key goal in de sign ing the PI6C10804 is to target networking applications that re quire lowskew, low-jitter, and high-frequency clock distribution.
Providing output-to-output skew as low as 70ps, the PI6C10804 is an ideal clock distribution de vice for syn chro nous sys tems. Design ing syn chro nous net work ing sys tems re quires a tight level of skew from a large number of outputs.

Features
• High-speed, low-noise, non-inverting 1:4 buffer
• Maximum Frequency up to 180 MHz
• Low output skew < 70ps (1.8V, 2.5V), <100ps (1.5V)
• Low propagation delay < 3.0ns (1.8V, 2.5V), <3.5ns (1.5V)
• Optimized duty cycle
• 1.5V - 2.5V supply voltage
• 3.3V Tolerant input clock
• Packages (Pb-free & Green available): −8-pin SOIC (W)




Similar Part No. - PI6C10804

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C10804 PERICOM-PI6C10804 Datasheet
517Kb / 6P
1.8V/2.5V, 250MHz, 1:4 Networking Clock Buffer
PI6C10804WE PERICOM-PI6C10804WE Datasheet
517Kb / 6P
1.8V/2.5V, 250MHz, 1:4 Networking Clock Buffer
PI6C10804WE PERICOM-PI6C10804WE Datasheet
373Kb / 7P
1.5V/1.8V/2.5V, 180MHz, 1:4 Networking Clock Buffer
PI6C10804 PERICOM-PI6C10804_09 Datasheet
373Kb / 7P
1.5V/1.8V/2.5V, 180MHz, 1:4 Networking Clock Buffer
More results


Similar Description - PI6C10804

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI49FCT20802 PERICOM-PI49FCT20802 Datasheet
161Kb / 7P
1:5/1:7 2.5V Clock Buffer for Networking Applications
PI6C10804 PERICOM-PI6C10804 Datasheet
517Kb / 6P
1.8V/2.5V, 250MHz, 1:4 Networking Clock Buffer
logo
ON Semiconductor
NB6HQ14M ONSEMI-NB6HQ14M Datasheet
1Mb / 11P
2.5V 5GHz / 6.5Gbps Differential Input to 1.8V / 2.5V 1:4 CML Clock / Data Fanout Buffer
June, 2009 ??Rev. 0
NB7HQ14M ONSEMI-NB7HQ14M Datasheet
1Mb / 10P
2.5V 7GHz / 10Gbps Differential Input to 1.8V / 2.5V 1:4 CML Clock / Data Fanout Buffer
May, 2009 ??Rev. 0
logo
Pericom Semiconductor C...
PI49FCT20802QEX PERICOM-PI49FCT20802QEX Datasheet
585Kb / 7P
1:5/1:7 2.5V Clock Buffer for Networking Applications
PI6C10804 PERICOM-PI6C10804_09 Datasheet
373Kb / 7P
1.5V/1.8V/2.5V, 180MHz, 1:4 Networking Clock Buffer
PI6C10807 PERICOM-PI6C10807 Datasheet
355Kb / 7P
1.8V/2.5V, 250MHz, 1:10 Networking Clock Buffer
PI6C10810 PERICOM-PI6C10810 Datasheet
831Kb / 10P
1.2V-2.5V, 250MHz, 1:10 Networking Clock Buffer
PI6CL10804 PERICOM-PI6CL10804 Datasheet
557Kb / 6P
1.2V/1.5V, 200MHz, 1:4 Networking Clock Buffer
PI49FCT20802 PERICOM-PI49FCT20802_11 Datasheet
749Kb / 7P
1:5/1:7 2.5V Clock Buffer for Networking Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com