Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT5271 Datasheet (PDF) - ON Semiconductor

CAT5271 Datasheet PDF - ON Semiconductor
Part # CAT5271
Download  CAT5271 Download
File Size   225.16 Kbytes
Page   14 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Dual 256?릔osition I2C Compatible Digital Potentiometers (POTs)

CAT5271 Datasheet (PDF)

Go To PDF Page Download Datasheet
CAT5271 Datasheet PDF - ON Semiconductor

Part # CAT5271
Download  CAT5271 Click to download

File Size   225.16 Kbytes
Page   14 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Dual 256?릔osition I2C Compatible Digital Potentiometers (POTs)

CAT5271 Datasheet (HTML) - ON Semiconductor


CAT5271 Product details

Dual 256‐position I2C Compatible Digital Potentiometers (POTs)

The CAT5271 and CAT5273 are dual 256-position digital programmable linear taper potentiometers ideally suited for replacing mechanical potentiometers and variable resistors.
The wiper settings are controlled through an I2C-compatible digital interface. Upon power-up, the wiper assumes a midscale position and may be repositioned anytime after the power is stable. The devices can be programmed to go to a shutdown state during operation.
The CAT5271 and CAT5273 operate from 2.7 V to 5.5 V, while consuming less than 2 A. This low operating current, combined with a small package footprint, makes them ideal for battery-powered portable applications.

Features
• Dual 256-position
• End-to-End Resistance: 50 kΩ, 100 kΩ
• I2C Compatible Interface*
• Power-on Preset to Midscale
• Single Supply 2.7 V to 5.5 V
• Low Temperature Coefficient 100 ppm/°C
• Low Power, IDD 2 μA max
• Wide Operating Temperature −40°C to +85°C
• MSOP−10 Package (3 mm x 4.9 mm)
• These Devices are Pb-Free, Halogen Free/BFR Free and are RoHS Compliant

Typical Applications
• Potentiometer Replacement
• Transducer Adjustment of Pressure, Temperature, Position, Chemical, and Optical Sensors
• RF Amplifier Biasing
• Gain Control and Offset Adjustment




Similar Part No. - CAT5271

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5271 ONSEMI-CAT5271 Datasheet
191Kb / 13P
Dual 256-Position I2C Compatible Digital Potentiometer
September, 2009 ??Rev. 1
CAT5271ZI-00-GT3 ONSEMI-CAT5271ZI-00-GT3 Datasheet
191Kb / 13P
Dual 256-Position I2C Compatible Digital Potentiometer
September, 2009 ??Rev. 1
CAT5271ZI-50-GT3 ONSEMI-CAT5271ZI-50-GT3 Datasheet
191Kb / 13P
Dual 256-Position I2C Compatible Digital Potentiometer
September, 2009 ??Rev. 1
More results


Similar Description - CAT5271

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5241BR10 AD-AD5241BR10 Datasheet
394Kb / 16P
I2C Compatible 256-Position Digital Potentiometers
8/02-Data Sheet changed from REV. A to REV. B.
logo
Maxim Integrated Produc...
MAX5477 MAXIM-MAX5477_06 Datasheet
716Kb / 17P
Dual, 256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 4; 1/06
logo
Analog Devices
AD5241 AD-AD5241_09 Datasheet
550Kb / 20P
I2C-Compatible, 256-Position Digital Potentiometers
REV. C
AD5243BRMZ100 AD-AD5243BRMZ100 Datasheet
803Kb / 20P
Dual, 256-Position, I2C-Compatible Digital Potentiometers
REV. B
logo
ON Semiconductor
CAT5171 ONSEMI-CAT5171_13 Datasheet
209Kb / 12P
256?릔osition I2C Compatible Digital Potentiometer (POT)
July, 2013 ??Rev. 2
CAT5172 ONSEMI-CAT5172_13 Datasheet
222Kb / 10P
256?릔osition SPI Compatible Digital Potentiometer (POT)
July, 2013 ??Rev. 1
CAT5171 ONSEMI-CAT5171_17 Datasheet
133Kb / 12P
256?릔osition I2C Compatible Digital Potentiometer
August, 2017 ??Rev. 3
CAT5191 ONSEMI-CAT5191 Datasheet
136Kb / 11P
256?릔osition I2C Compatible Digital Potentiometer
November, 2016 ??Rev. 0
logo
Analog Devices
AD5243 AD-AD5243_16 Datasheet
834Kb / 20P
Dual, 256-Position, I2C-Compatible Digital Potentiometers
4/16-Rev. B to Rev. C
AD5248 AD-AD5248_16 Datasheet
834Kb / 20P
Dual, 256-Position, I2C-Compatible Digital Potentiometers
4/16-Rev. B to Rev. C
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com