Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Q65110A1791 Datasheet (PDF) - OSRAM GmbH

Q65110A1791 Datasheet PDF - OSRAM GmbH
Part # Q65110A1791
Download  Q65110A1791 Download
File Size   396.45 Kbytes
Page   21 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Replacement in due course

Q65110A1791 Datasheet (PDF)

Go To PDF Page Download Datasheet
Q65110A1791 Datasheet PDF - OSRAM GmbH

Part # Q65110A1791
Download  Q65110A1791 Click to download

File Size   396.45 Kbytes
Page   21 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Replacement in due course

Q65110A1791 Datasheet (HTML) - OSRAM GmbH


Q65110A1791 Product details

Features:
• Package: SMT package 0603, colorless diffused resin
• Technology: InGaN
• Viewing angle at 50 % IV: 155° (horizontal); 135° (vertical)
• Color: blue (470 nm)
• Optical efficiency (typ.): 2.5 lm/W (blue)
• ESD - withstand voltage: 2 kV acc. to JESD22-A114-F

Applications
• LCD Backlighting
• Toys
• Signal and Symbol Luminary
• Outdoor displays




Similar Part No. - Q65110A1791

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
Q65110A1742 OSRAM-Q65110A1742 Datasheet
525Kb / 16P
Hyper TOPLED짰 Enhanced optical Power LED
Q65110A1743 OSRAM-Q65110A1743 Datasheet
525Kb / 16P
Hyper TOPLED짰 Enhanced optical Power LED
Q65110A1746 OSRAM-Q65110A1746 Datasheet
386Kb / 20P
Version 1.0 (Replacement in due course)
logo
ams AG
Q65110A1749 AMSCO-Q65110A1749 Datasheet
1Mb / 23P
With a diameter of just 2 mm, the PointLED is one of the smallest packages in its class and achieves high luminous efficacies.
Version 1.2 2019-07-16
logo
OSRAM GmbH
Q65110A1772 OSRAM-Q65110A1772 Datasheet
146Kb / 8P
IR-Lumineszenzdiode (850 nm) mit hoher Ausgangsleistung
More results


Similar Description - Q65110A1791

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SC300 VISHAY-SC300 Datasheet
100Kb / 1P
Strain Measuring Systems Short Course
19-Nov-03
logo
OSRAM GmbH
Q65110A1746 OSRAM-Q65110A1746 Datasheet
386Kb / 20P
Version 1.0 (Replacement in due course)
LGL29K-G2J1-24-Z OSRAM-LGL29K-G2J1-24-Z Datasheet
386Kb / 20P
Version 1.0 (Replacement in due course)
LBL293 OSRAM-LBL293 Datasheet
396Kb / 21P
Version 1.0 (Replacement in due course)
logo
Grayhill, Inc
38BX-4-H-3-N GRAYHILL-38BX-4-H-3-N Datasheet
216Kb / 1P
Drop-In Replacement for Industry Standard
logo
Molex Electronics Ltd.
130112-0126 MOLEX11-130112-0126 Datasheet
31Kb / 1P
In-line Replacement Transformer
logo
IXYS Corporation
CPC7691 IXYS-CPC7691 Datasheet
266Kb / 16P
Drop-In Replacement for CPC7591
CPC7692 IXYS-CPC7692 Datasheet
281Kb / 18P
Drop-in replacement for CPC7592
logo
TT Electronics.
SPH TTELEC-SPH Datasheet
1Mb / 4P
Drop-in replacement for BWH/BWF
logo
Pentair plc. All rights...
CG5-10S PENTAIR-CG5-10S Datasheet
288Kb / 2P
DROP-IN REPLACEMENT CARTRIDGE FOR FOODSERVICE APPLICATIONS
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com