Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4829 Datasheet (PDF) - Hitachi Semiconductor

2SC4829 Datasheet PDF - Hitachi Semiconductor
Part # 2SC4829
Download  2SC4829 Download
File Size   30.0 Kbytes
Page   6 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Silicon NPN Epitaxial

2SC4829 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC4829 Datasheet PDF - Hitachi Semiconductor

Part # 2SC4829
Download  2SC4829 Click to download

File Size   30.0 Kbytes
Page   6 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Silicon NPN Epitaxial

2SC4829 Datasheet (HTML) - Hitachi Semiconductor


2SC4829 Product details

Features
• High frequency characteristics
    fT = 1100 MHz Typ
• High voltage and small output capacitance
    VCEO = 100 V, Cob = 4.2 pF Typ
• Suitable for wide band video amplifier

Application
    High frequency amplifier




Similar Part No. - 2SC4829

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC4821 SANYO-2SC4821 Datasheet
80Kb / 3P
High-Definition CRT Display Video Output Driver Applications???????
2SC4824 SANYO-2SC4824 Datasheet
118Kb / 4P
High Definition CRT Display Video Output Applications??????????
2SC4826 SANYO-2SC4826 Datasheet
26Kb / 4P
High Definition CRT Display Video Output Applications
2SC4827 SANYO-2SC4827 Datasheet
101Kb / 3P
High-Definition CRT Display Video Output Applications?
More results


Similar Description - 2SC4829

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC1890A RENESAS-2SC1890A Datasheet
172Kb / 6P
Silicon NPN Epitaxial
2SC2853 RENESAS-2SC2853 Datasheet
169Kb / 7P
Silicon NPN Epitaxial
2SC4196 RENESAS-2SC4196 Datasheet
203Kb / 8P
Silicon NPN Epitaxial
2SC4197 RENESAS-2SC4197 Datasheet
125Kb / 10P
Silicon NPN Epitaxial
2SC4784 RENESAS-2SC4784 Datasheet
220Kb / 9P
Silicon NPN Epitaxial
2SC4901 RENESAS-2SC4901 Datasheet
86Kb / 8P
Silicon NPN Epitaxial
2SC4995 RENESAS-2SC4995 Datasheet
254Kb / 10P
Silicon NPN Epitaxial
2SD667 RENESAS-2SD667 Datasheet
159Kb / 6P
Silicon NPN Epitaxial
2SD1418 RENESAS-2SD1418 Datasheet
98Kb / 6P
Silicon NPN Epitaxial
2SC2396 RENESAS-2SC2396 Datasheet
145Kb / 7P
Silicon NPN Epitaxial
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com