Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5225 Datasheet (PDF) - Hitachi Semiconductor

2SC5225 Datasheet PDF - Hitachi Semiconductor
Part # 2SC5225
Download  2SC5225 Download
File Size   29.42 Kbytes
Page   7 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Silicon NPN Epitaxial Transistor

2SC5225 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC5225 Datasheet PDF - Hitachi Semiconductor

Part # 2SC5225
Download  2SC5225 Click to download

File Size   29.42 Kbytes
Page   7 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Silicon NPN Epitaxial Transistor

2SC5225 Datasheet (HTML) - Hitachi Semiconductor


2SC5225 Product details

Features
• High voltage large current operation.
   VCEO = 80 V, IC = 300 mA
• High fT.
   fT = 1.4 GHz
• Small output capacitance.
   Cob = 3 pF
  
Application
• Wide band video output amplifier for color CRT monitor.
• High frequency high voltage amplifier.
• High speed power switching.
• Complementary pair with 2SA1960.




Similar Part No. - 2SC5225

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC522 TOSHIBA-2SC522 Datasheet
230Kb / 3P
HIGH FREQUENCY AMPLIFIER APPLICATIONS. HIGH VOLTAGE SWITCHING APPLICATIONS. REGULATOR APPLICATIONS.
logo
Panasonic Semiconductor
2SC5223 PANASONIC-2SC5223 Datasheet
42Kb / 2P
Silicon NPN triple diffusion planar type(For high-speed switching)
logo
Sanyo Semicon Device
2SC5226 SANYO-2SC5226 Datasheet
123Kb / 4P
VHF to UHF Wide-Band Low-Noise Amp Applications???
2SC5226A SANYO-2SC5226A Datasheet
70Kb / 6P
VHF to UHF Wide-Band Low-Noise Amplifier Applications
2SC5226A SANYO-2SC5226A Datasheet
463Kb / 8P
VHF to UHF Wide-Band Low-Noise Amplifi er Applications
More results


Similar Description - 2SC5225

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
2N6516 SAMSUNG-2N6516 Datasheet
35Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCW33 SAMSUNG-BCW33 Datasheet
27Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCW60B SAMSUNG-BCW60B Datasheet
34Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
BC237 FAIRCHILD-BC237 Datasheet
45Kb / 4P
NPN EPITAXIAL SILICON TRANSISTOR
BC846 FAIRCHILD-BC846 Datasheet
68Kb / 3P
NPN EPITAXIAL SILICON TRANSISTOR
FJN3301R FAIRCHILD-FJN3301R Datasheet
69Kb / 4P
NPN Epitaxial Silicon Transistor
FJN3307R FAIRCHILD-FJN3307R Datasheet
37Kb / 4P
NPN Epitaxial Silicon Transistor
FJN3308R FAIRCHILD-FJN3308R Datasheet
36Kb / 4P
NPN Epitaxial Silicon Transistor
FJNS3201R FAIRCHILD-FJNS3201R Datasheet
69Kb / 4P
NPN Epitaxial Silicon Transistor
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com