Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FRS-R-810 Datasheet (PDF) - Cooper Bussmann, Inc.

FRS-R-810 Datasheet PDF - Cooper Bussmann, Inc.
Part # FRS-R-810
Download  FRS-R-810 Download
File Size   297.01 Kbytes
Page   3 Pages
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.
Description FRS-R - 600Vac/300Vdc, 1/10-60A, Dual Element, Time-Delay Fuses

FRS-R-810 Datasheet (PDF)

Go To PDF Page Download Datasheet
FRS-R-810 Datasheet PDF - Cooper Bussmann, Inc.

Part # FRS-R-810
Download  FRS-R-810 Click to download

File Size   297.01 Kbytes
Page   3 Pages
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.
Description FRS-R - 600Vac/300Vdc, 1/10-60A, Dual Element, Time-Delay Fuses

FRS-R-810 Datasheet (HTML) - Cooper Bussmann, Inc.




Similar Part No. - FRS-R-810

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
FRS-R-8 EATON-FRS-R-8 Datasheet
910Kb / 4P
Fusetron??600 V Class RK5 FRS-R ??600 Vac/300 Vdc, 1/10-60 A, dual element, time-delay fuses
logo
Cooper Bussmann, Inc.
FRS-R-8* COOPER-FRS-R-8* Datasheet
339Kb / 3P
Fusetron??600 V Class RK5, FRS-R ??600 Vac/300 Vdc, 1/10-60 A, dual element, time-delay fuses
FRS-R-8/10 COOPER-FRS-R-8/10 Datasheet
339Kb / 3P
Fusetron??600 V Class RK5, FRS-R ??600 Vac/300 Vdc, 1/10-60 A, dual element, time-delay fuses
logo
Eaton All Rights Reserv...
FRS-R-8/10 EATON-FRS-R-8/10 Datasheet
910Kb / 4P
Fusetron??600 V Class RK5 FRS-R ??600 Vac/300 Vdc, 1/10-60 A, dual element, time-delay fuses
logo
Cooper Bussmann, Inc.
FRS-R-80 COOPER-FRS-R-80 Datasheet
207Kb / 3P
FRS-R 600Vac/300Vdc, 65-600A, Dual Element, Time-Delay Fuses
More results


Similar Description - FRS-R-810

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
LPJ-50SP COOPER-LPJ-50SP Datasheet
230Kb / 3P
LPJ ??600Vac/300Vdc, 1-60A, Dual Element, Time-Delay Fuses
FRN-R-8 COOPER-FRN-R-8 Datasheet
269Kb / 3P
FRN-R ??250Vac/125Vdc, 1??0-60A, Dual Element, Time-Delay Fuses
FNA-3 COOPER-FNA-3 Datasheet
316Kb / 4P
FNQ-R ??600Vac, 1??-30A, Time-Delay Fuses
FRS-R-600 COOPER-FRS-R-600 Datasheet
207Kb / 3P
FRS-R 600Vac/300Vdc, 65-600A, Dual Element, Time-Delay Fuses
FRS-R-15 COOPER-FRS-R-15 Datasheet
297Kb / 3P
FRS-R - 600Vac/300Vdc, 1/10-60A, Dual Element, Time-Delay Fuses
FRS-R-20 COOPER-FRS-R-20 Datasheet
297Kb / 3P
FRS-R - 600Vac/300Vdc, 1??0-60A, Dual Element, Time-Delay Fuses
logo
List of Unclassifed Man...
LPJ-1SP ETC2-LPJ-1SP Datasheet
719Kb / 4P
LPJ Class J 600Vac/300Vdc, 1-60A, dual element, time-delay fuses
logo
Eaton All Rights Reserv...
LPJ-1SP EATON-LPJ-1SP Datasheet
841Kb / 4P
Low-Peak??LPJ Class J 600Vac/300Vdc, 1-60A, dual element, time-delay fuses
LPJ-70SP EATON-LPJ-70SP Datasheet
820Kb / 4P
Low-Peak??LPJ Class J 600Vac/300Vdc, 70-600A, dual element, time-delay fuses
ECSR EATON-ECSR Datasheet
197Kb / 2P
Class RK5 600Vac, 1 to 60A Dual-Element, Time-Delay Fuses
More results




About Cooper Bussmann, Inc.


Cooper Bussmann, Inc. is a company that specializes in providing electrical safety and circuit protection solutions. The company was founded in 1914 and is headquartered in St. Louis, Missouri, USA.

Cooper Bussmann offers a wide range of products, including fuses, fuse blocks, power distribution blocks, disconnect switches, and surge protective devices. These products are used in various applications, such as power generation, transmission, and distribution, as well as in industrial, commercial, and residential settings.

In 2008, Cooper Bussmann was acquired by Eaton Corporation, a multinational power management company. Today, the company operates as a business unit of Eaton's Electrical Sector.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com