Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICL7621ACPA Datasheet (PDF) - Maxim Integrated Products

ICL7621ACPA Datasheet PDF - Maxim Integrated Products
Part # ICL7621ACPA
Download  ICL7621ACPA Download
File Size   517.48 Kbytes
Page   26 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Single/Dual/Triple/Quad Operational Amplifiers

ICL7621ACPA Datasheet (PDF)

Go To PDF Page Download Datasheet
ICL7621ACPA Datasheet PDF - Maxim Integrated Products

Part # ICL7621ACPA
Download  ICL7621ACPA Click to download

File Size   517.48 Kbytes
Page   26 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Single/Dual/Triple/Quad Operational Amplifiers

ICL7621ACPA Datasheet (HTML) - Maxim Integrated Products


ICL7621ACPA Product details

General Description
The ICL761X–ICL764X family of monolithic CMOS op amps combine ultra-low input current with low-power operation over a wide supply voltage range. With pin selectable quiescent currents of 10µA, 100µA, or 1000µA per amplifier, these op amps will operate from ±1V to ±8V power supplies, or from single supplies from 2V to 16V. The CMOS outputs swing to within milli volts of the supply voltages. The ultra-low bias current of 1pA makes this family of op amps ideal for long time constant integrators, picoammeters, low droop rate sample/hold amplifiers and other applications where input bias and offset cur rents are critical. A low noise current of 0.01pA√Hz and an input impedance of 1012Ω ensure optimum performance with very high source impedances in such applications as pH meters and photodiode amplifiers.

Features
♦ Pin-for-Pin Second Source
♦ 1pA Typical Bias Current—4nA (max) at +125°C
♦ ±1V to ±8V Wide Supply Voltage Range
♦ Industry-Standard Pinouts
♦ Programmable Quiescent Currents of 10µA, 100µA, and 1000µA
♦ Monolithic, Low-Power CMOS Design




Similar Part No. - ICL7621ACPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
ICL7621ACPA MAXIM-ICL7621ACPA Datasheet
511Kb / 15P
Single/Dual/Triple/Quad Operational Amplifiers
ICL7621ACPA MAXIM-ICL7621ACPA Datasheet
510Kb / 26P
Single/Dual/Triple/Quad Operational Amplifiers
Rev 2; 4/08
ICL7621ACPA MAXIM-ICL7621ACPA Datasheet
517Kb / 26P
Single/Dual/Triple/Quad Operational Amplifiers
Rev 3; 5/10
ICL7621ACPA MAXIM-ICL7621ACPA Datasheet
1Mb / 26P
Single/Dual/Triple/Quad Operational Amplifiers
19-0942; Rev 4; 7/21
ICL7621ACPA MAXIM-ICL7621ACPA Datasheet
1Mb / 26P
Single/Dual/Triple/Quad Operational Amplifiers
19-0942; Rev 4; 7/21
More results


Similar Description - ICL7621ACPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
ICL7611ACPA MAXIM-ICL7611ACPA Datasheet
511Kb / 15P
Single/Dual/Triple/Quad Operational Amplifiers
logo
Analog Devices
OP292 AD-OP292_02 Datasheet
516Kb / 20P
Dual/Quad Single-Supply Operational Amplifiers
REV. B
logo
Maxim Integrated Produc...
ICL761X MAXIM-ICL761X Datasheet
510Kb / 26P
Single/Dual/Triple/Quad Operational Amplifiers
Rev 2; 4/08
ICL761X MAXIM-ICL761X_1 Datasheet
517Kb / 26P
Single/Dual/Triple/Quad Operational Amplifiers
Rev 3; 5/10
logo
Analog Devices
OP492GSZ AD-OP492GSZ Datasheet
386Kb / 20P
Dual/Quad Single-Supply Operational Amplifiers
REV. C
logo
Texas Instruments
LMH6682 TI1-LMH6682 Datasheet
1Mb / 30P
Single Supply, Dual and Triple Operational Amplifiers
logo
Analog Devices
OP292 AD-OP292_15 Datasheet
386Kb / 20P
Dual/Quad Single-Supply Operational Amplifiers
REV. C
OP492 AD-OP492_15 Datasheet
386Kb / 20P
Dual/Quad Single-Supply Operational Amplifiers
Rev. C
logo
Maxim Integrated Produc...
ICL7612 MAXIM-ICL7612 Datasheet
1Mb / 26P
Single/Dual/Triple/Quad Operational Amplifiers
19-0942; Rev 4; 7/21
ICL7611 MAXIM-ICL7611 Datasheet
1Mb / 26P
Single/Dual/Triple/Quad Operational Amplifiers
19-0942; Rev 4; 7/21
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com