Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT124 Datasheet (PDF) - Coto Technology

CT124 Datasheet PDF - Coto Technology
Part # CT124
Download  CT124 Download
File Size   1015.83 Kbytes
Page   3 Pages
Manufacturer  COTO [Coto Technology]
Direct Link  http://www.cotorelay.com
Logo COTO - Coto Technology
Description Load Voltage: 40V Maximum

CT124 Datasheet (PDF)

Go To PDF Page Download Datasheet
CT124 Datasheet PDF - Coto Technology

Part # CT124
Download  CT124 Click to download

File Size   1015.83 Kbytes
Page   3 Pages
Manufacturer  COTO [Coto Technology]
Direct Link  http://www.cotorelay.com
Logo COTO - Coto Technology
Description Load Voltage: 40V Maximum

CT124 Datasheet (HTML) - Coto Technology




Similar Part No. - CT124

ManufacturerPart #DatasheetDescription
logo
Coherent Corp
CT12-12-01L COHERENT-CT12-12-01L Datasheet
291Kb / 3P
TECHNICAL DATA SHEET FOR CT12-12
CT12-12-01LS COHERENT-CT12-12-01LS Datasheet
291Kb / 3P
TECHNICAL DATA SHEET FOR CT12-12
CT12-15-01L COHERENT-CT12-15-01L Datasheet
259Kb / 3P
Single-Stage Thermoelectric Module
CT12-15-01LS COHERENT-CT12-15-01LS Datasheet
259Kb / 3P
Single-Stage Thermoelectric Module
CT12-6A-01L COHERENT-CT12-6A-01L Datasheet
288Kb / 3P
Single-Stage Thermoelectric Module
More results


Similar Description - CT124

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AQY221R2S PANASONIC-AQY221R2S Datasheet
88Kb / 5P
Miniature SOP4-pin with C횞R10 40V load voltage
logo
Coto Technology
CT126 COTO-CT126 Datasheet
366Kb / 2P
Contact Form: 1a Load Voltage: 40V Maximum
CT134 COTO-CT134 Datasheet
366Kb / 2P
Contact Form: 1a Load Voltage: 200V Maximum
CT135 COTO-CT135 Datasheet
365Kb / 2P
Contact Form: 1a Load Voltage: 80V Maximum
CT147 COTO-CT147 Datasheet
368Kb / 2P
Contact Form: 1a Load Voltage: 80V Maximum
CT326 COTO-CT326 Datasheet
335Kb / 2P
Contact Form: 2a Load Voltage: 40V Maximum
CT334 COTO-CT334 Datasheet
335Kb / 2P
Contact Form: 2a Load Voltage: 200V Maximum
CT474 COTO-CT474 Datasheet
366Kb / 2P
Contact Form: 1b Load Voltage: 400V Maximum
CT674 COTO-CT674 Datasheet
335Kb / 2P
Contact Form: 2b Load Voltage: 400V Maximum
CT128 COTO-CT128 Datasheet
823Kb / 3P
Load Voltage: 40V Maximum
More results




About Coto Technology


Coto Technology is a company that specializes in the design, development, and manufacturing of high-quality magnetic reed switches and other related products. The company was founded in 1917 and is based in North Kingstown, Rhode Island, USA.

Coto Technology offers a wide range of magnetic reed switches and related products, including high-voltage reed relays, automotive-grade reed switches, and surface-mount reed switches. These products are used in a variety of applications, including telecommunications, medical equipment, automotive electronics, and industrial controls.

In addition to magnetic reed switches, Coto Technology also offers a range of complementary products, including dry reed switches, reed sensors, and magnetic proximity sensors. The company has a reputation for producing high-quality, reliable products, and has won numerous awards and accolades for its work in the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com