Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N3958 Datasheet (PDF) - Micross Components

2N3958 Datasheet PDF - Micross Components
Part # 2N3958
Download  2N3958 Download
File Size   283.68 Kbytes
Page   1 Pages
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components
Description a Low Noise, Low Drift, Monolithic Dual N-Channel JFET

2N3958 Datasheet (PDF)

Go To PDF Page Download Datasheet
2N3958 Datasheet PDF - Micross Components

Part # 2N3958
Download  2N3958 Click to download

File Size   283.68 Kbytes
Page   1 Pages
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components
Description a Low Noise, Low Drift, Monolithic Dual N-Channel JFET

2N3958 Datasheet (HTML) - Micross Components


2N3958 Product details

The 2N3958 is a Low Noise, Low Drift, Monolithic Dual N-Channel JFET

The 2N3958 family are matched JFET pairs for differential amplifiers. The 2N3958 family of general purpose JFETs is characterized for low and medium frequency differential amplifiers requiring low offset voltage, drift, noise and capacitance
The 2N3958 family exhibits low capacitance - 6pF max and a spot noise figure of - 0.5dB max. The part offers a superior tracking ability.
The 8 Pin P-DIP and 8 Pin SOIC provide ease of manufacturing, and the symmetrical pinout prevents improper orientation. 

FEATURES
   LOW DRIFT |∆ VGS1‐2 /∆T|= 5µV/°C max.
   LOW LEAKAGE IG = 20pA TYP.
   LOW NOISE en = 10nV/√Hz TYP.

2N3958 Applications:
◾ Wideband Differential Amps
◾ High Input Impedance Amplifiers




Similar Part No. - 2N3958

ManufacturerPart #DatasheetDescription
logo
InterFET Corporation
2N3958 INTERFET-2N3958 Datasheet
66Kb / 1P
N-Channel Dual Silicon Junction Field-Effect Transistor
logo
Vishay Siliconix
2N3958 VISHAY-2N3958 Datasheet
54Kb / 5P
Monolithic N-Channel JFET Dual
04-Jun-01
logo
Intersil Corporation
2N3958 INTERSIL-2N3958 Datasheet
4Mb / 122P
P-CHANNEL JFET
logo
New Jersey Semi-Conduct...
2N3958 NJSEMI-2N3958 Datasheet
224Kb / 2P
ABSOLUTE MAXIMUM RATINGS
2N3958 NJSEMI-2N3958 Datasheet
65Kb / 1P
DUAL FET/JUNCTION N-CHANNEL
More results


Similar Description - 2N3958

ManufacturerPart #DatasheetDescription
logo
Micross Components
2N3954A MICROSS-2N3954A Datasheet
283Kb / 1P
a Low Noise, Low Drift, Monolithic Dual N-Channel JFET
2N3955_TO-71 MICROSS-2N3955_TO-71 Datasheet
295Kb / 1P
a Low Noise, Low Drift, Monolithic Dual N-Channel JFET
2N3956_TO-71 MICROSS-2N3956_TO-71 Datasheet
295Kb / 1P
a Low Noise, Low Drift, Monolithic Dual N-Channel JFET
2N3956_TO-78 MICROSS-2N3956_TO-78 Datasheet
295Kb / 1P
a Low Noise, Low Drift, Monolithic Dual N-Channel JFET
2N3958_SOIC MICROSS-2N3958_SOIC Datasheet
283Kb / 1P
a Low Noise, Low Drift, Monolithic Dual N-Channel JFET
2N3958_TO-78 MICROSS-2N3958_TO-78 Datasheet
295Kb / 1P
a Low Noise, Low Drift, Monolithic Dual N-Channel JFET
SST401_PDIP MICROSS-SST401_PDIP Datasheet
282Kb / 1P
a Low Noise, Low Drift, Monolithic Dual N-Channel JFET
SST402_PDIP MICROSS-SST402_PDIP Datasheet
282Kb / 1P
a Low Noise, Low Drift, Monolithic Dual N-Channel JFET
SST403_PDIP MICROSS-SST403_PDIP Datasheet
282Kb / 1P
a Low Noise, Low Drift, Monolithic Dual N-Channel JFET
SST406_SOIC MICROSS-SST406_SOIC Datasheet
293Kb / 1P
a Low Noise, Low Drift, Monolithic Dual N-Channel JFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com