Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPAD1 Datasheet (PDF) - Micross Components

DPAD1 Datasheet PDF - Micross Components
Part # DPAD1
Download  DPAD1 Download
File Size   276.49 Kbytes
Page   1 Pages
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components
Description a low leakage Monolithic Dual Pico-Amp Diode

DPAD1 Datasheet (PDF)

Go To PDF Page Download Datasheet
DPAD1 Datasheet PDF - Micross Components

Part # DPAD1
Download  DPAD1 Click to download

File Size   276.49 Kbytes
Page   1 Pages
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components
Description a low leakage Monolithic Dual Pico-Amp Diode

DPAD1 Datasheet (HTML) - Micross Components


DPAD1 Product details

The DPAD1 is a low leakage Monolithic Dual Pico-Amp Diode
Linear Systems replaces discontinued Siliconix DPAD1

The DPAD1 extremely low-leakage monolithic dual diode provides a superior alternative to conventional diode technology when reverse current (leakage) must be minimized. In addition the monolithic dual construction allows excellent capacitance matching per diode. The DPAD1 features a leakage current of -1 pA and is well suited for use in applications such as input protection for operational amplifiers.

FEATURES
   DIRECT REPLACEMENT FOR SILICONIX DPAD1
   HIGH ON ISOLATION 20fA
   EXCELLENT CAPACITANCE MATCHING ∆CR ≤ 0.2pF
   ULTRALOW LEAKAGE ≤ 1 pA
   REVERSE BREAKDOWN VOLTAGE BVR ≥ -45V
   REVERSE CAPACITANCE Crss ≤ 0.8pF
  
DPAD1 Benefits:
■ Negligible Circuit Leakage Contribution
■ Circuit “Transparent” Except to Shunt
   High-Frequency Spikes
■ Simplicity of Operation

DPAD1 Applications:
■ Op Amp Input Protection
■ Multiplexer Overvoltage Protection




Similar Part No. - DPAD1

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
DPAD1 CALOGIC-DPAD1 Datasheet
32Kb / 2P
Dual Pico Amp Diodes
logo
Linear Integrated Syste...
DPAD1 LINEAR-DPAD1 Datasheet
205Kb / 2P
MONOLITHIC DUAL PICO AMPERE DIODES
logo
New Jersey Semi-Conduct...
DPAD1 NJSEMI-DPAD1 Datasheet
80Kb / 2P
MONOLITHIC DUAL PICO AMPERE DIODES
logo
Calogic, LLC
DPAD10 CALOGIC-DPAD10 Datasheet
32Kb / 2P
Dual Pico Amp Diodes
logo
Linear Integrated Syste...
DPAD10 LINEAR-DPAD10 Datasheet
205Kb / 2P
MONOLITHIC DUAL PICO AMPERE DIODES
More results


Similar Description - DPAD1

ManufacturerPart #DatasheetDescription
logo
Micross Components
DPAD2_TO-72 MICROSS-DPAD2_TO-72 Datasheet
275Kb / 1P
a low leakage Monolithic Dual Pico-Amp Diode
DPAD100_TO-72 MICROSS-DPAD100_TO-72 Datasheet
275Kb / 1P
a low leakage Monolithic Dual Pico-Amp Diode
ID101_TO-71 MICROSS-ID101_TO-71 Datasheet
314Kb / 1P
a low leakage Monolithic Dual Pico-Amp Diode
DPAD2 MICROSS-DPAD2 Datasheet
844Kb / 1P
a low leakage Monolithic Dual Pico-Amp Diode
DPAD5 MICROSS-DPAD5 Datasheet
844Kb / 1P
a low leakage Monolithic Dual Pico-Amp Diode
DPAD10 MICROSS-DPAD10 Datasheet
844Kb / 1P
a low leakage Monolithic Dual Pico-Amp Diode
DPAD20 MICROSS-DPAD20 Datasheet
844Kb / 1P
a low leakage Monolithic Dual Pico-Amp Diode
ID100 MICROSS-ID100 Datasheet
314Kb / 1P
a low leakage Monolithic Dual Pico-Amp Diode
ID101 MICROSS-ID101 Datasheet
314Kb / 1P
a low leakage Monolithic Dual Pico-Amp Diode
LSDPAD5 MICROSS-LSDPAD5 Datasheet
276Kb / 1P
a low leakage Monolithic Dual Pico-Amp Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com