Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IT124 Datasheet (PDF) - Micross Components

IT124 Datasheet PDF - Micross Components
Part # IT124
Download  IT124 Download
File Size   289.98 Kbytes
Page   1 Pages
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components
Description Linear Systems replaces discontinued Intersil IT124

IT124 Datasheet (PDF)

Go To PDF Page Download Datasheet
IT124 Datasheet PDF - Micross Components

Part # IT124
Download  IT124 Click to download

File Size   289.98 Kbytes
Page   1 Pages
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components
Description Linear Systems replaces discontinued Intersil IT124

IT124 Datasheet (HTML) - Micross Components


IT124 Product details

Linear Systems replaces discontinued Intersil IT124

The IT124 is a monolithic pair of Super-Beta NPN transistors mounted in a single TO-78 package. The monolithic dual chip design reduces parasitics and gives better performance while ensuring extremely tight matching. The IT124 is a direct replacement for discontinued Intersil IT124.
The hermetically sealed TO-78 is well suited for hi-rel and harsh environment applications.

FEATURES
    Direct Replacement for INTERSIL IT124
    HIGH GAIN hFE ≥ 1500 @ 1 AND 10µA
    LOW OUTPUT CAPACITANCE ≤ 2.0pF
    VBE tracking ≤ 5.0µV°C

IT124 Features:
◾ Very high gain
◾ Tight matching
◾ Low Output Capacitance




Similar Part No. - IT124

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IT124 INTERSIL-IT124 Datasheet
4Mb / 122P
P-CHANNEL JFET
logo
Micross Components
IT124_PDIP MICROSS-IT124_PDIP Datasheet
275Kb / 1P
MONOLITHIC DUAL NPN TRANSISTOR
IT124_SOIC MICROSS-IT124_SOIC Datasheet
275Kb / 1P
MONOLITHIC DUAL NPN TRANSISTOR
IT124_SOT-23 MICROSS-IT124_SOT-23 Datasheet
271Kb / 1P
MONOLITHIC DUAL NPN TRANSISTOR
IT124_TO-71 MICROSS-IT124_TO-71 Datasheet
289Kb / 1P
MONOLITHIC DUAL NPN TRANSISTOR
More results


Similar Description - IT124

ManufacturerPart #DatasheetDescription
logo
Micross Components
IT121 MICROSS-IT121 Datasheet
289Kb / 1P
Linear Systems replaces discontinued Intersil IT121
IT122 MICROSS-IT122 Datasheet
289Kb / 1P
Linear Systems replaces discontinued Intersil IT122
IT130 MICROSS-IT130 Datasheet
289Kb / 1P
Linear Systems replaces discontinued Intersil IT130
IT130A MICROSS-IT130A Datasheet
290Kb / 1P
Linear Systems replaces discontinued Intersil IT130A
IT131 MICROSS-IT131 Datasheet
289Kb / 1P
Linear Systems replaces discontinued Intersil IT131
IT132 MICROSS-IT132 Datasheet
290Kb / 1P
Linear Systems replaces discontinued Intersil IT132
LS121 MICROSS-LS121 Datasheet
275Kb / 1P
Linear Systems replaces discontinued Intersil IT121
LS122 MICROSS-LS122 Datasheet
275Kb / 1P
Linear Systems replaces discontinued Intersil IT122
LS124 MICROSS-LS124 Datasheet
275Kb / 1P
Linear Systems replaces discontinued Intersil IT124
LS132 MICROSS-LS132 Datasheet
276Kb / 1P
Linear Systems replaces discontinued Intersil IT132
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com