Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD2985 Datasheet (PDF) - E-Tech Electronics LTD

LD2985 Datasheet PDF - E-Tech Electronics LTD
Part # LD2985
Download  LD2985 Download
File Size   355.5 Kbytes
Page   15 Pages
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD
Description VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE, WITH INHIBIT FUNCTION

LD2985 Datasheet (PDF)

Go To PDF Page Download Datasheet
LD2985 Datasheet PDF - E-Tech Electronics LTD

Part # LD2985
Download  LD2985 Click to download

File Size   355.5 Kbytes
Page   15 Pages
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD
Description VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE, WITH INHIBIT FUNCTION

LD2985 Datasheet (HTML) - E-Tech Electronics LTD


LD2985 Product details

■ DESCRIPTION
The UTC LD2985 is a 150mA fixed output voltage regulator. The ultra low drop voltage and the low quiescent current make them particularly suitable for low noise, low power applications, and in battery powered systems. In sleep mode quiescent current is less than 1μA when INHIBIT pin is pulled low. Shutdown Logic Control Function is available on pin 3 (TTL compatible). This means that when the device is used as local regulator, it is possible to put a part of the board in standby, decreasing the total power consumption.
An external capacitor, CBYP=10nF, connected between bypass pin and GND reduce the noise to 30μVrms.
Typical applications are in cellular phone, palmtop laptop computer, personal digital assistant (PDA), personal stereo, camcorder and camera.

■ FEATURES
* Very Low Dropout Voltage (280mV at 150mA and 7mV at 1mA load)
* Very Low Quiescent current
* Output Current up to 150mA
* Logic Controlled Electronic Shutdown
* Output Voltage of 1.5, 1.8, 2.5, 2.8, 2.85, 3, 3.1, 3.2, 3.3, 3.5, 3.6, 3.8, 4, 4.7, 5V
* Internal Current and Thermal Limit
* Low Output Noise Voltage 30μVrms




Similar Part No. - LD2985

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD2985 STMICROELECTRONICS-LD2985 Datasheet
301Kb / 13P
VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE, WITH INHIBIT FUNCTION
Jul-2003
logo
Unisonic Technologies
LD2985 UTC-LD2985 Datasheet
148Kb / 10P
VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE, WITH INHIBIT FUNCTION
LD2985 UTC-LD2985 Datasheet
353Kb / 23P
VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP
LD2985 UTC-LD2985 Datasheet
353Kb / 23P
VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP.
LD2985 UTC-LD2985 Datasheet
292Kb / 15P
VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE
More results


Similar Description - LD2985

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD2982 STMICROELECTRONICS-LD2982 Datasheet
296Kb / 13P
VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR WITH INHIBIT FUNCTION, LOW ESR CAP. COMPATIBLE
Jul-2003
LD2985 STMICROELECTRONICS-LD2985 Datasheet
301Kb / 13P
VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE, WITH INHIBIT FUNCTION
Jul-2003
logo
Unisonic Technologies
LD1985 UTC-LD1985_05 Datasheet
424Kb / 10P
VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE, WITH INHIBIT FUNCTION
LD2985 UTC-LD2985 Datasheet
148Kb / 10P
VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE, WITH INHIBIT FUNCTION
logo
STMicroelectronics
LD2982AXX STMICROELECTRONICS-LD2982AXX Datasheet
329Kb / 20P
Very low drop and low noise voltage regulator with inhibit function, low ESR capacitors compatible
10-Jul-2008
LD2985AXX STMICROELECTRONICS-LD2985AXX Datasheet
340Kb / 21P
Very low drop and low noise voltage regulator low ESR capacitors compatible, with inhibit function
27-Aug-2008
logo
Unisonic Technologies
LD1985 UTC-LD1985_10 Datasheet
253Kb / 10P
VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE, WITH INHIBIT FUNCTION
logo
STMicroelectronics
LD2985AXX STMICROELECTRONICS-LD2985AXX_09 Datasheet
344Kb / 21P
Very low drop and low noise voltage regulator low ESR capacitors compatible, with inhibit function
27-Jan-2009
logo
E-Tech Electronics LTD
LD1985 ETL-LD1985 Datasheet
294Kb / 9P
VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE, WITH INHIBIT FUNCTION
logo
Unisonic Technologies
LD2985 UTC-LD2985_V01 Datasheet
359Kb / 16P
VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE,WITH INHIBIT FUNCTION
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com