Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

J506 Datasheet (PDF) - Micross Components

J506 Datasheet PDF - Micross Components
Part # J506
Download  J506 Download
File Size   531.43 Kbytes
Page   1 Pages
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components
Description Linear Systems replaces discontinued Siliconix J506

J506 Datasheet (PDF)

Go To PDF Page Download Datasheet
J506 Datasheet PDF - Micross Components

Part # J506
Download  J506 Click to download

File Size   531.43 Kbytes
Page   1 Pages
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components
Description Linear Systems replaces discontinued Siliconix J506

J506 Datasheet (HTML) - Micross Components


J506 Product details

The Linear Systems J506 is a ± 20% range current regulator
Linear Systems replaces discontinued Siliconix J506

The J506 is a ±20% range current regulator designed for demanding applications in test equipment and instrumentation.
The J506 utilizes JFET techniques to produce a single two-leaded device which is extremely simple to operate.

• Two-Lead Plastic Package
• Guaranteed ±20% Tolerance
• Operation up to 50V
• Excellent Temperature Stability
• Simple Series Circuitry, No Separate Voltage Source
• Tight Guaranteed Circuit Performance
• Excellent Performance in Low-Voltage/Battery Circuits
   and High-Voltage Spike Protection
• High Circuit Stability vs. Temperature

J506 Applications:
• Constant-Current Supply
• Current-Limiting
• Timing Circuits




Similar Part No. - J506

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
J506 LINEAR-J506 Datasheet
223Kb / 2P
CURRENT REGULATING DIODES
logo
Vishay Siliconix
J506 VISHAY-J506 Datasheet
31Kb / 4P
Current Regulator Diodes
02-Jul-01
J506 VISHAY-J506 Datasheet
44Kb / 5P
Current Regulator Diodes
02-Jul-01
logo
New Jersey Semi-Conduct...
J506 NJSEMI-J506 Datasheet
632Kb / 2P
Current Regulator Diodes
logo
Calogic, LLC
J506 CALOGIC-J506 Datasheet
208Kb / 2P
Current Regulator Diode
More results


Similar Description - J506

ManufacturerPart #DatasheetDescription
logo
Micross Components
2N4391 MICROSS-2N4391 Datasheet
299Kb / 1P
Linear Systems replaces discontinued Siliconix
2N4392 MICROSS-2N4392 Datasheet
299Kb / 1P
Linear Systems replaces discontinued Siliconix
2N4393 MICROSS-2N4393 Datasheet
299Kb / 1P
Linear Systems replaces discontinued Siliconix
2N5114 MICROSS-2N5114 Datasheet
310Kb / 1P
Linear Systems replaces discontinued Siliconix
2N5115 MICROSS-2N5115 Datasheet
309Kb / 1P
Linear Systems replaces discontinued Siliconix
2N5116 MICROSS-2N5116 Datasheet
283Kb / 1P
Linear Systems replaces discontinued Siliconix
J108 MICROSS-J108 Datasheet
289Kb / 1P
Linear Systems replaces discontinued Siliconix J108
J111 MICROSS-J111 Datasheet
289Kb / 1P
Linear Systems replaces discontinued Siliconix J111
J177 MICROSS-J177 Datasheet
304Kb / 1P
Linear Systems replaces discontinued Siliconix J177
LSJ506 MICROSS-LSJ506 Datasheet
543Kb / 1P
Linear Systems replaces discontinued Siliconix J506
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com