Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMZ25332BT1 Datasheet (PDF) - Freescale Semiconductor, Inc

MMZ25332BT1 Datasheet PDF - Freescale Semiconductor, Inc
Part # MMZ25332BT1
Download  MMZ25332BT1 Download
File Size   570.65 Kbytes
Page   19 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Heterojunction Bipolar Transistor Technology (InGaP HBT)

MMZ25332BT1 Datasheet (PDF)

Go To PDF Page Download Datasheet
MMZ25332BT1 Datasheet PDF - Freescale Semiconductor, Inc

Part # MMZ25332BT1
Download  MMZ25332BT1 Click to download

File Size   570.65 Kbytes
Page   19 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Heterojunction Bipolar Transistor Technology (InGaP HBT)

MMZ25332BT1 Datasheet (HTML) - Freescale Semiconductor, Inc


MMZ25332BT1 Product details

1800--2800 MHz, 26.5 dB 33 dBm InGaP HBT

The MMZ25332B is a 2--stage, high linearity InGaP HBT broadband amplifier designed for femtocell, picocell, WLAN (802.11g/n), W--CDMA, TD--SCDMA and LTE wireless broadband applications. It provides exceptional linearity for LTE and W--CDMA air interfaces with an ACPR of --50 dBc at an output power of up to 22 dBm, covering frequencies from 1800–2800 MHz. It operates from a supply voltage of 3 to 5 volts. The amplifier is fully input matched, requires minimal external matching on the output and is housed in a cost--effective, surface mount QFN 3×3 package. The device offers state--of--the--art reliability, ruggedness, temperature stability and ESD performance.

• Typical Performance: VCC1 = VCC2 = VBIAS = 5 Volts, ICQ = 400 mA

Features
• Frequency: 1800--2800 MHz
• P1dB: 33 dBm @ 2500 MHz
• Power Gain: 26.5 dB @ 2500 MHz
• OIP3: 48 dBm @ 2500 MHz
• EVM < 3% @ 26.5 dBm Pout, WiMAX (802.16e)
• Active Bias Control (adjustable externally)
• Single 3 to 5 Volt Supply
• Single--ended Power Detector
• Cost--effective QFN Surface Mount Package
• In Tape and Reel. T1 Suffix = 1,000 Units per 12 mm, 7 inch Reel.




Similar Part No. - MMZ25332BT1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MMZ25332BT1 NXP-MMZ25332BT1 Datasheet
640Kb / 19P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 2, 5/2014
More results


Similar Description - MMZ25332BT1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMG3001NT1 FREESCALE-MMG3001NT1 Datasheet
297Kb / 15P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMG3014NT1 FREESCALE-MMG3014NT1 Datasheet
356Kb / 17P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMG3003NT1 FREESCALE-MMG3003NT1_08 Datasheet
410Kb / 18P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
logo
NXP Semiconductors
MMG3005NT1 NXP-MMG3005NT1 Datasheet
456Kb / 20P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 9, 10/2014
MMG3006NT1 NXP-MMG3006NT1 Datasheet
478Kb / 24P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 6, 12/2017
MMG3012NT1 NXP-MMG3012NT1 Datasheet
423Kb / 14P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 8, 9/2014
MMG3H21NT1 NXP-MMG3H21NT1 Datasheet
367Kb / 14P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 3, 9/2014
MMG3001NT1 NXP-MMG3001NT1 Datasheet
388Kb / 14P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 9, 10/2014
MMG3015NT1 NXP-MMG3015NT1 Datasheet
389Kb / 14P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 4, 9/2014
MMZ25332B NXP-MMZ25332B Datasheet
640Kb / 19P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 2, 5/2014
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com