Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X09-009PKI-R Datasheet (PDF) - List of Unclassifed Manufacturers

X09-009PKI-R Datasheet PDF - List of Unclassifed Manufacturers
Part # X09-009PKI-R
Download  X09-009PKI-R Download
File Size   1651.76 Kbytes
Page   2 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description 900 MHz and 2.4 GHz stand-alone RF modems provide outstanding range (up to 20 miles) in a low-cost wireless solution.

X09-009PKI-R Datasheet (PDF)

Go To PDF Page Download Datasheet
X09-009PKI-R Datasheet PDF - List of Unclassifed Manufacturers

Part # X09-009PKI-R
Download  X09-009PKI-R Click to download

File Size   1651.76 Kbytes
Page   2 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description 900 MHz and 2.4 GHz stand-alone RF modems provide outstanding range (up to 20 miles) in a low-cost wireless solution.

X09-009PKI-R Datasheet (HTML) - List of Unclassifed Manufacturers




Similar Part No. - X09-009PKI-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
X09-019PKI-TA ETC2-X09-019PKI-TA Datasheet
1Mb / 3P
100 mW/900 MHz or 50 mW/2.4 GHz Stand-Alone Radio Modems
More results


Similar Description - X09-009PKI-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2500 TI-CC2500_11 Datasheet
2Mb / 96P
Low-Cost Low-Power 2.4 GHz RF Transceiver
CC2550 TI-CC2550_11 Datasheet
740Kb / 59P
Low-Cost Low-Power 2.4 GHz RF Transmitter
CC2550RSTR TI1-CC2550RSTR Datasheet
1Mb / 61P
Low-Cost Low-Power 2.4 GHz RF Transmitter
CC2500RGPR TI1-CC2500RGPR Datasheet
2Mb / 99P
Low-Cost Low-Power 2.4 GHz RF Transceiver
logo
List of Unclassifed Man...
X24-009PKI-RA ETC2-X24-009PKI-RA Datasheet
1Mb / 3P
100 mW/900 MHz or 50 mW/2.4 GHz Stand-Alone Radio Modems
logo
Murata Manufacturing Co...
HN-1010 MURATA-HN-1010 Datasheet
130Kb / 2P
2.4 GHz Stand-Alone Modems
logo
List of Unclassifed Man...
CMT2210AW-EQR ETC2-CMT2210AW-EQR Datasheet
896Kb / 28P
Low-Cost 300 ??960 MHz OOK Stand-Alone RF Receiver
CMT2210LW ETC2-CMT2210LW Datasheet
496Kb / 20P
Low-Cost 315/433.92 MHz OOK Stand-Alone Receiver
CMT2213AW-EQR ETC2-CMT2213AW-EQR Datasheet
750Kb / 25P
Low-Cost 300 ??480 MHz (G)FSK/OOK Stand-Alone RF Receiver
logo
Texas Instruments
CC2550 TI1-CC2550_13 Datasheet
1Mb / 61P
Low-Cost Low-Power 2.4 GHz RF Transmitter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com