Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS310 Datasheet (PDF) - Micross Components

LS310 Datasheet PDF - Micross Components
Part # LS310
Download  LS310 Download
File Size   276.36 Kbytes
Page   1 Pages
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components
Description Linear Systems High Voltage Super-Beta Monolithic Dual NPN

LS310 Datasheet (PDF)

Go To PDF Page Download Datasheet
LS310 Datasheet PDF - Micross Components

Part # LS310
Download  LS310 Click to download

File Size   276.36 Kbytes
Page   1 Pages
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components
Description Linear Systems High Voltage Super-Beta Monolithic Dual NPN

LS310 Datasheet (HTML) - Micross Components


LS310 Product details

Linear Systems High Voltage Super-Beta Monolithic Dual NPN

The LS310 is a monolithic pair of NPN transistors mounted in a single P-DIP package. The monolithic dual chip design reduces parasitics and gives better performance while ensuring extremely tight matching.
The 8 Pin P-DIP provides ease of manufacturing, and the symmetrical pinout prevents improper orientation.

FEATURES
HIGH GAIN                        hFE ≥ 150 @ 10µA‐1mA
TIGHT VBE MATCHING   |VBE1 – VBE2 |= 0.2mV TYP.
HIGH ft                              250MHz TYP. @ 1mA

◾ Very high gain
◾ Tight matching
◾ Low Output Capacitance




Similar Part No. - LS310

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LS310 LINEAR-LS310 Datasheet
29Kb / 2P
MONOLITHIC DUAL NPN TRANSISTORS
logo
New Jersey Semi-Conduct...
LS310 NJSEMI-LS310 Datasheet
97Kb / 2P
MONOLITHIC DUAL NPN TRANSISTORS
logo
First Silicon Co., Ltd
LS310 FS-LS310 Datasheet
132Kb / 2P
Schottky Rectifier
logo
Linear Integrated Syste...
LS310-3 LINEAR-LS310-3 Datasheet
29Kb / 2P
MONOLITHIC DUAL NPN TRANSISTORS
logo
BOWIN ELECTRONIC CO.
LS3101 BOWIN-LS3101 Datasheet
63Kb / 7P
Simple LCD micro-controller
More results


Similar Description - LS310

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LS301-3 LINEAR-LS301-3 Datasheet
29Kb / 2P
HIGH VOLTAGE SUPER-BETA MONOLITHIC DUAL NPN TRANSISTORS
LSIT124 LINEAR-LSIT124 Datasheet
28Kb / 2P
SUPER-BETA MONOLITHIC DUAL NPN TRANSISTORS
logo
Micross Components
LS301 MICROSS-LS301 Datasheet
276Kb / 1P
Linear Systems High Voltage Super-Beta Monolithic Dual NPN
LS302 MICROSS-LS302 Datasheet
277Kb / 1P
Linear Systems High Voltage Super-Beta Monolithic Dual NPN
LS303 MICROSS-LS303 Datasheet
276Kb / 1P
Linear Systems High Voltage Super-Beta Monolithic Dual NPN
LS311 MICROSS-LS311 Datasheet
275Kb / 1P
Linear Systems High Voltage Super-Beta Monolithic Dual NPN
LS312 MICROSS-LS312 Datasheet
276Kb / 1P
Linear Systems High Voltage Super-Beta Monolithic Dual NPN
LS313 MICROSS-LS313 Datasheet
275Kb / 1P
Linear Systems High Voltage Super-Beta Monolithic Dual NPN
LS3250C MICROSS-LS3250C Datasheet
277Kb / 1P
Linear Systems Log Conformance Monolithic Dual NPN
logo
Linear Integrated Syste...
LS301 LINEAR-LS301_14 Datasheet
178Kb / 2P
HIGH VOLTAGE SUPER-BETA MONOLITHIC DUAL NPN TRANSISTORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com