Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS840 Datasheet (PDF) - Micross Components

LS840 Datasheet PDF - Micross Components
Part # LS840
Download  LS840 Download
File Size   283.64 Kbytes
Page   1 Pages
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components
Description Linear Systems Ultra Low Leakage Low Drift Monolithic Dual JFET

LS840 Datasheet (PDF)

Go To PDF Page Download Datasheet
LS840 Datasheet PDF - Micross Components

Part # LS840
Download  LS840 Click to download

File Size   283.64 Kbytes
Page   1 Pages
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components
Description Linear Systems Ultra Low Leakage Low Drift Monolithic Dual JFET

LS840 Datasheet (HTML) - Micross Components


LS840 Product details

The LS840 is a high-performance monolithic dual JFET featuring extremely low noise, tight offset voltage and low drift over temperature specifications, and is targeted for use in a wide range of precision instrumentation applications. The LS840 features a 5-mV offset and 5-µV/°C drift.

The 8 Pin P-DIP and 8 Pin SOIC provide ease of manufacturing, and the symmetrical pinout prevents improper orientation.



FEATURES

• LOW DRIFT            |VGS1-2/T| ≤5µV/°C

• LOW LEAKAGE          IG = 10pA TYP.

• LOW NOISE            en = 8nV/√Hz TYP.

• LOW OFFSET VOLTAGE   |VGS1-2|= 2mV TYP.



LS840 Applications:

• Wideband Differential Amps

• High-Speed,Temp-Compensated Single Ended Input Amps

• High-Speed Comparators

• Impedance Converters and vibrations detectors.



 




Similar Part No. - LS840

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LS840 LINEAR-LS840 Datasheet
32Kb / 2P
LOW NOISE LOW DRIFT LOW CAPACITANCE MONOLITHIC DUAL N-CHANNEL JFET
LS840-2 LINEAR-LS840-2 Datasheet
32Kb / 2P
LOW NOISE LOW DRIFT LOW CAPACITANCE MONOLITHIC DUAL N-CHANNEL JFET
LS840 LINEAR-LS840_14 Datasheet
251Kb / 2P
LOW NOISE LOW DRIFT LOW CAPACITANCE MONOLITHIC DUAL N-CHANNEL JFET AMPLIFIER
logo
Micross Components
LS840_PDIP MICROSS-LS840_PDIP Datasheet
283Kb / 1P
MONOLITHIC DUAL N-CHANNEL JFET
LS840_SOIC MICROSS-LS840_SOIC Datasheet
283Kb / 1P
MONOLITHIC DUAL N-CHANNEL JFET
More results


Similar Description - LS840

ManufacturerPart #DatasheetDescription
logo
Micross Components
LS830_PDIP MICROSS-LS830_PDIP Datasheet
284Kb / 1P
Linear Systems Ultra Low Leakage Low Drift Monolithic Dual JFET
LS843_SOIC MICROSS-LS843_SOIC Datasheet
284Kb / 1P
Linear Systems Ultra Low Leakage Low Drift Monolithic Dual JFET
LS830 MICROSS-LS830 Datasheet
284Kb / 1P
Linear Systems Ultra Low Leakage Low Drift Monolithic Dual JFET
LS831 MICROSS-LS831 Datasheet
284Kb / 1P
Linear Systems Ultra Low Leakage Low Drift Monolithic Dual JFET
LS832 MICROSS-LS832 Datasheet
284Kb / 1P
Linear Systems Ultra Low Leakage Low Drift Monolithic Dual JFET
LS833 MICROSS-LS833 Datasheet
283Kb / 1P
Linear Systems Ultra Low Leakage Low Drift Monolithic Dual JFET
LS841 MICROSS-LS841 Datasheet
283Kb / 1P
Linear Systems Ultra Low Leakage Low Drift Monolithic Dual JFET
LS842 MICROSS-LS842 Datasheet
284Kb / 1P
Linear Systems Ultra Low Leakage Low Drift Monolithic Dual JFET
LS844 MICROSS-LS844 Datasheet
283Kb / 1P
Linear Systems Ultra Low Leakage Low Drift Monolithic Dual JFET
LS845 MICROSS-LS845 Datasheet
284Kb / 1P
Linear Systems Ultra Low Leakage Low Drift Monolithic Dual JFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com