Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B230-13 Datasheet (PDF) - Diodes Incorporated

B230-13 Datasheet PDF - Diodes Incorporated
Part # B230-13
Download  B230-13 Download
File Size   249.85 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER

B230-13 Datasheet (PDF)

Go To PDF Page Download Datasheet
B230-13 Datasheet PDF - Diodes Incorporated

Part # B230-13
Download  B230-13 Click to download

File Size   249.85 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER

B230-13 Datasheet (HTML) - Diodes Incorporated


B230-13 Product details

Features

• Guard Ring Die Construction for Transient Protection

• Ideally Suited for Automated Assembly

• Low Power Loss, High Efficiency

• Surge Overload Rating to 50A Peak

• For Use in Low Voltage, High Frequency Inverters, Free Wheeling, and Polarity Protection Application

• High Temperature Soldering: 260°C/10 Second at Terminal

• Lead-Free Finish; RoHS Compliant (Notes 1 & 2)

• Halogen and Antimony Free. “Green” Device (Note 3)

• Qualified to AEC-Q101 Standards for High Reliability




Similar Part No. - B230-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B230-13-F DIODES-B230-13-F Datasheet
249Kb / 5P
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev 21
More results


Similar Description - B230-13

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SK22 WTE-SK22 Datasheet
43Kb / 3P
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
B220-13 DIODES-B220-13 Datasheet
249Kb / 5P
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev 21
B230-13-F DIODES-B230-13-F Datasheet
249Kb / 5P
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev 21
B250A-13 DIODES-B250A-13 Datasheet
106Kb / 4P
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev 16
logo
SUNMATE electronic Co.,...
SK22 SUNMATE-SK22 Datasheet
146Kb / 2P
2.0A Surface Mount Schottky Barrier Rectifier
SS22 SUNMATE-SS22 Datasheet
100Kb / 2P
2.0A Surface Mount Schottky Barrier Rectifier
logo
Diodes Incorporated
MBR230S1F DIODES-MBR230S1F_15 Datasheet
251Kb / 5P
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev erse
B220AQ DIODES-B220AQ Datasheet
286Kb / 6P
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev 2
DFLS230LQ DIODES-DFLS230LQ Datasheet
287Kb / 5P
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev 2
PD3S230HQ DIODES-PD3S230HQ Datasheet
224Kb / 5P
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev. 1 - 2 March 2014
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com