Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K3069 Datasheet (PDF) - Hitachi Semiconductor

K3069 Datasheet PDF - Hitachi Semiconductor
Part # K3069
Download  K3069 Download
File Size   52.09 Kbytes
Page   10 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Silicon N Channel MOS FET High Speed Power Switching

K3069 Datasheet (PDF)

Go To PDF Page Download Datasheet
K3069 Datasheet PDF - Hitachi Semiconductor

Part # K3069
Download  K3069 Click to download

File Size   52.09 Kbytes
Page   10 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Silicon N Channel MOS FET High Speed Power Switching

K3069 Datasheet (HTML) - Hitachi Semiconductor


K3069 Product details

Features

•  Low on-resistance

RDS(on)= 6 mΩtyp.

•  Low drive current

•  4 V gate drive device can be driven from 5 V source




Similar Part No. - K3069

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
K3060G3 FAIRCHILD-K3060G3 Datasheet
143Kb / 6P
30A, 600V Stealth??Dual Diode
logo
Toshiba Semiconductor
K3067 TOSHIBA-K3067 Datasheet
151Kb / 3P
Silicon N Channel MOS Type Chopper Regulator, DC−DC Converter and Motor Drive Applications
logo
Gustav Klauke GmbH
K306K KLAUKE-K306K Datasheet
982Kb / 1P
K 30/6 K Self-adjusting crimping tool for cable end-sleeves and twin cable end-sleeves 0.08 - 16 mm²
More results


Similar Description - K3069

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H5N1503P RENESAS-H5N1503P Datasheet
81Kb / 7P
Silicon N Channel MOS FET High Speed Power Switching
H7N0608LD RENESAS-H7N0608LD Datasheet
118Kb / 12P
Silicon N Channel MOS FET High Speed Power Switching
HAT2105T RENESAS-HAT2105T Datasheet
90Kb / 4P
Silicon N Channel MOS FET High Speed Power Switching
RJK6014DPP RENESAS-RJK6014DPP Datasheet
77Kb / 4P
Silicon N Channel MOS FET High Speed Power Switching
RJK6015DPK RENESAS-RJK6015DPK Datasheet
107Kb / 7P
Silicon N Channel MOS FET High Speed Power Switching
RJK5012DPP RENESAS-RJK5012DPP Datasheet
115Kb / 7P
Silicon N Channel MOS FET High Speed Power Switching
2SK2737 RENESAS-2SK2737 Datasheet
88Kb / 7P
Silicon N Channel MOS FET High Speed Power Switching
2SK2738 RENESAS-2SK2738 Datasheet
93Kb / 8P
Silicon N Channel MOS FET High Speed Power Switching
RJK4013DPE RENESAS-RJK4013DPE_09 Datasheet
110Kb / 7P
Silicon N Channel MOS FET High Speed Power Switching
RJK6066DPP-M0 RENESAS-RJK6066DPP-M0 Datasheet
88Kb / 4P
Silicon N Channel MOS FET High Speed Power Switching
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com