Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P006-003 Datasheet (PDF) - Tripp Lite. All Rights Reserved

P006-003 Datasheet PDF - Tripp Lite. All Rights Reserved
Part # P006-003
Download  P006-003 Download
File Size   488.43 Kbytes
Page   3 Pages
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved
Description Standard Computer Power Cord, 10A, 18AWG

P006-003 Datasheet (PDF)

Go To PDF Page Download Datasheet
P006-003 Datasheet PDF - Tripp Lite. All Rights Reserved

Part # P006-003
Download  P006-003 Click to download

File Size   488.43 Kbytes
Page   3 Pages
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved
Description Standard Computer Power Cord, 10A, 18AWG

P006-003 Datasheet (HTML) - Tripp Lite. All Rights Reserved




Similar Part No. - P006-003

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P006-003-HG10 TRIPPLITE-P006-003-HG10 Datasheet
168Kb / 2P
Hospital-Grade Power Cord, NEMA 5-15P to C13 - Green Dot, 10A, 125V, 18 AWG, 3 ft., Black
P006-003-HG13CL TRIPPLITE-P006-003-HG13CL Datasheet
163Kb / 3P
Hospital-Grade Power Cord, NEMA 5-15P to C13 - Green Dot, 13A, 125V, 16 AWG, 3 ft. (0.91 m), Clear Plugs
More results


Similar Description - P006-003

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P004-002-13RA TRIPPLITE-P004-002-13RA Datasheet
476Kb / 3P
Standard Computer Power Extension Cord, 10A, 18AWG
P004-006 TRIPPLITE-P004-006 Datasheet
493Kb / 3P
Standard Computer Power Extension Cord, 10A,18AWG
P006-006 TRIPPLITE-P006-006 Datasheet
479Kb / 4P
Standard Computer Power Cord, 10A, 18AWG
P004001 TRIPPLITE-P004001 Datasheet
486Kb / 2P
Standard Computer Power Extension Cord, 10A, 18AWG (IEC-320-C14 to IEC-320-C13), 1-ft
P004003 TRIPPLITE-P004003 Datasheet
487Kb / 2P
Standard Computer Power Extension Cord, 10A, 18AWG (IEC-320-C14 to IEC-320-C13), 3-ft
P004004 TRIPPLITE-P004004 Datasheet
483Kb / 2P
Standard Computer Power Extension Cord, 10A, 18AWG (IEC-320-C14 to IEC-320-C13), 4-ft
P004006 TRIPPLITE-P004006 Datasheet
487Kb / 2P
Standard Computer Power Extension Cord, 10A, 18AWG (IEC-320-C14 to IEC-320-C13), 6-ft
P004008 TRIPPLITE-P004008 Datasheet
486Kb / 2P
Standard Computer Power Extension Cord, 10A, 18AWG (IEC-320-C14 to IEC-320-C13), 8-ft
P004015 TRIPPLITE-P004015 Datasheet
487Kb / 2P
Standard Computer Power Extension Cord, 10A, 18AWG (IEC-320-C14 to IEC-320-C13), 15-ft
P004-010 TRIPPLITE-P004-010 Datasheet
493Kb / 3P
Standard Computer Power Extension Cord, 10A 18AWG (IEC-320-C14 to IEC-320-C13) 10-ft
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com