Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST502 Datasheet (PDF) - Micross Components

SST502 Datasheet PDF - Micross Components
Part # SST502
Download  SST502 Download
File Size   323.34 Kbytes
Page   1 Pages
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components
Description Linear Systems replaces discontinued Siliconix SST502

SST502 Datasheet (PDF)

Go To PDF Page Download Datasheet
SST502 Datasheet PDF - Micross Components

Part # SST502
Download  SST502 Click to download

File Size   323.34 Kbytes
Page   1 Pages
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components
Description Linear Systems replaces discontinued Siliconix SST502

SST502 Datasheet (HTML) - Micross Components


SST502 Product details

Description:
The SST502 belongs to a family of ±20% range current regulators designed for demanding applications in test equipment and instrumentation. These devices utilize JFET techniques to produce a device which is extremely simple to operate.

Features:
◾ Surface-Mount Package
◾ Guaranteed ±20% Tolerance
◾ POV (min) 45V
◾ Good Temperature Stability

Benefits:
◾ Simple Series Circuitry, No Separate Voltage Source
◾ Tight Guaranteed Circuit Performance
◾ Excellent Performance in Low-Voltage / Battery Circuits and High-Voltage Spike Protection
◾ High Circuit Stability vs. Temperature

SST502 Applications:
◾ Constant-Current Supply
◾ Current-Limiting
◾ Timing Circuits




Similar Part No. - SST502

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
SST502 CALOGIC-SST502 Datasheet
23Kb / 2P
Current Regulator Diode
logo
Linear Integrated Syste...
SST502 LINEAR-SST502 Datasheet
216Kb / 2P
CURRENT REGULATING DIODES
logo
Vishay Siliconix
SST502 VISHAY-SST502 Datasheet
61Kb / 5P
Current Regulator Diodes-POV(min) 45 V
02-Jul-01
SST502 VISHAY-SST502 Datasheet
43Kb / 5P
Current Regulator Diodes-POV(min) 45 V
02-Jul-01
SST502 VISHAY-SST502 Datasheet
43Kb / 5P
Current Regulator Diodes—POV(min) 45 V
02-Jul-01
More results


Similar Description - SST502

ManufacturerPart #DatasheetDescription
logo
Micross Components
2N4391 MICROSS-2N4391 Datasheet
299Kb / 1P
Linear Systems replaces discontinued Siliconix
2N4392 MICROSS-2N4392 Datasheet
299Kb / 1P
Linear Systems replaces discontinued Siliconix
2N4393 MICROSS-2N4393 Datasheet
299Kb / 1P
Linear Systems replaces discontinued Siliconix
2N5114 MICROSS-2N5114 Datasheet
310Kb / 1P
Linear Systems replaces discontinued Siliconix
2N5115 MICROSS-2N5115 Datasheet
309Kb / 1P
Linear Systems replaces discontinued Siliconix
2N5116 MICROSS-2N5116 Datasheet
283Kb / 1P
Linear Systems replaces discontinued Siliconix
J108 MICROSS-J108 Datasheet
289Kb / 1P
Linear Systems replaces discontinued Siliconix J108
J111 MICROSS-J111 Datasheet
289Kb / 1P
Linear Systems replaces discontinued Siliconix J111
J177 MICROSS-J177 Datasheet
304Kb / 1P
Linear Systems replaces discontinued Siliconix J177
J210 MICROSS-J210 Datasheet
277Kb / 1P
Linear Systems replaces discontinued Siliconix J210
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com