Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FZT1049ATC Datasheet (PDF) - Zetex Semiconductors

FZT1049ATC Datasheet PDF - Zetex Semiconductors
Part # FZT1049ATC
Download  FZT1049ATC Download
File Size   208.33 Kbytes
Page   3 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description SOT 223 NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR

FZT1049ATC Datasheet (PDF)

Go To PDF Page Download Datasheet
FZT1049ATC Datasheet PDF - Zetex Semiconductors

Part # FZT1049ATC
Download  FZT1049ATC Click to download

File Size   208.33 Kbytes
Page   3 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description SOT 223 NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR

FZT1049ATC Datasheet (HTML) - Zetex Semiconductors


FZT1049ATC Product details

FEATURES
* VCEO = 25V
* 5 Amp Continuous Current
* 20 Amp Pulse Current
* Low Saturation Voltage
* High Gain
* Extremely Low Equivalent On-resistance; RCE(sat) = 50mΩ at 5A




Similar Part No. - FZT1049ATC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FZT1049ATC DIODES-FZT1049ATC Datasheet
787Kb / 7P
25V NPN MEDIUM POWER TRANSISTOR
Rev 3
More results


Similar Description - FZT1049ATC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FZT1048A ZETEX-FZT1048A Datasheet
132Kb / 3P
NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
ZTX1055A ZETEX-ZTX1055A Datasheet
123Kb / 4P
NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
logo
GTM CORPORATION
GL1501A GTM-GL1501A Datasheet
477Kb / 2P
NPN SILICON PLANAR MEDIUM POWER high gain TRANSISTOR
logo
Guangdong Kexin Industr...
FZT688B KEXIN-FZT688B Datasheet
37Kb / 2P
NPN Silicon Planar Medium Power High Gain Transistor
logo
Diodes Incorporated
FZT1049A DIODES-FZT1049A Datasheet
208Kb / 3P
SOT 223 NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
JUNE 2007
ZTX618 DIODES-ZTX618 Datasheet
159Kb / 4P
NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
JULY 1995
ZTX690BSTZ DIODES-ZTX690BSTZ Datasheet
74Kb / 3P
NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
MAY 1994
logo
List of Unclassifed Man...
ZTX618STZ ETC2-ZTX618STZ Datasheet
159Kb / 4P
NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
logo
Diodes Incorporated
FZT1049A DIODES-FZT1049A_15 Datasheet
208Kb / 3P
SOT 223 NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
JUNE 2007
ZTX1048A DIODES-ZTX1048A_15 Datasheet
118Kb / 4P
NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
FEBRUARY 1995
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com