Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NDL5531P Datasheet (PDF) - NEC

NDL5531P Datasheet PDF - NEC
Part # NDL5531P
Download  NDL5531P Download
File Size   75.42 Kbytes
Page   8 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 30 mm InGaAs AVALANCHE PHOTO DIODE MODULE

NDL5531P Datasheet (PDF)

Go To PDF Page Download Datasheet
NDL5531P Datasheet PDF - NEC

Part # NDL5531P
Download  NDL5531P Click to download

File Size   75.42 Kbytes
Page   8 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 30 mm InGaAs AVALANCHE PHOTO DIODE MODULE

NDL5531P Datasheet (HTML) - NEC


NDL5531P Product details

DESCRIPTION
NDL5531P Series is an InGaAs avalanche photo diode module with single mode fiber. It is designed for detectors of long wavelength transmission systems. The series covers the wavelength range between 1 000 and 1 600 nm.

FEATURES
• Small dark current ID = 5 nA
• Small terminal capacitance Ct = 0.35 pF @ 0.9 V(BR)R
• High quantum efficiency η = 90 % @ λ = 1 300 nm, M = 1
                                          η = 77 % @ λ = 1 550 nm, M = 1
• High speed response fC = 2.5 GHz @ M = 10
• Detecting area size φ30 µm
• Coaxial module with single mode fiber (SM-9/125)




Similar Part No. - NDL5531P

ManufacturerPart #DatasheetDescription
logo
NEC
NDL5531P NEC-NDL5531P Datasheet
62Kb / 8P
1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 50 mm InGaAs PIN PHOTO DIODE MODULE
logo
California Eastern Labs
NDL5531P CEL-NDL5531P Datasheet
47Kb / 5P
1000 to 1600 nm OPTICAL FIBER COMMUNICATIONS 30um InGaAs AVALANCHE PHOTO DIODE MODULE
logo
Renesas Technology Corp
NDL5531P RENESAS-NDL5531P Datasheet
203Kb / 10P
PHOTO DIODE
1996
logo
NEC
NDL5531P1 NEC-NDL5531P1 Datasheet
62Kb / 8P
1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 50 mm InGaAs PIN PHOTO DIODE MODULE
logo
California Eastern Labs
NDL5531P1 CEL-NDL5531P1 Datasheet
47Kb / 5P
1000 to 1600 nm OPTICAL FIBER COMMUNICATIONS 30um InGaAs AVALANCHE PHOTO DIODE MODULE
More results


Similar Description - NDL5531P

ManufacturerPart #DatasheetDescription
logo
NEC
NDL5421P NEC-NDL5421P Datasheet
62Kb / 8P
1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 50 mm InGaAs PIN PHOTO DIODE MODULE
NDL5461P NEC-NDL5461P Datasheet
66Kb / 8P
1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 80 mm InGaAs PIN PHOTO DIODE MODULE
NDL5471R NEC-NDL5471R Datasheet
59Kb / 8P
1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 120 mm InGaAs PIN PHOTO DIODE RECEPTACLE MODULE
NDL5551P NEC-NDL5551P Datasheet
76Kb / 8P
1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 50 mm InGaAs AVALANCHE PHOTO DIODE MODULE
logo
California Eastern Labs
NDL5421P CEL-NDL5421P_00 Datasheet
36Kb / 5P
1000 to 1600 nm OPTICAL FIBER COMMUNICATIONS 50um InGaAs PIN PHOTO DIODE MODULE
NDL5461P CEL-NDL5461P_00 Datasheet
37Kb / 5P
1000 to 1600 nm OPTICAL FIBER COMMUNICATIONS 80 um InGaAs PIN PHOTO DIODE MODULE
NDL5521P CEL-NDL5521P Datasheet
33Kb / 3P
2.5 Gb/s OPTICAL FIBER COMMUNICATIONS 50 um InGaAs AVALANCHE PHOTO DIODE MODULE WITH MMF
NDL5531P CEL-NDL5531P_00 Datasheet
47Kb / 5P
1000 to 1600 nm OPTICAL FIBER COMMUNICATIONS 30um InGaAs AVALANCHE PHOTO DIODE MODULE
NDL5551P CEL-NDL5551P_00 Datasheet
48Kb / 5P
1000 to 1600 nm OPTICAL FIBER COMMUNICATIONS 50 um InGaAs AVALANCHE PHOTO DIODE MODULE
logo
Renesas Technology Corp
NR8300FP-CC RENESAS-NR8300FP-CC_15 Datasheet
191Kb / 11P
1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS f 30 mm InGaAs AVALANCHE PHOTO DIODE MODULE
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com