Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA13561 Datasheet (PDF) - Hitachi Semiconductor

HA13561 Datasheet PDF - Hitachi Semiconductor
Part # HA13561
Download  HA13561 Download
File Size   114.7 Kbytes
Page   26 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Combo (Spindle & VCM) Driver

HA13561 Datasheet (PDF)

Go To PDF Page Download Datasheet
HA13561 Datasheet PDF - Hitachi Semiconductor

Part # HA13561
Download  HA13561 Click to download

File Size   114.7 Kbytes
Page   26 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Combo (Spindle & VCM) Driver

HA13561 Datasheet (HTML) - Hitachi Semiconductor


HA13561 Product details

Description
This COMBO Driver for HDD application consists of Sensorless Spindle Driver and BTL type VCM Driver.
Bipolar Process is applied and a “Soft Switching Circuit” for less commutation noise and a “Booster Circuit for smaller Saturation Voltage of Output Transistor are also implemented.

Features
• Soft Switching Driver
    Small Surface Mount Package: FP-80E (QFP80 Pin)
    Low thermal resistance: 35°C/W with 6 layer multi glass-epoxy board
• Low output saturation voltage
    - Spindle 0.8 V Typ (@1.0 A)
    - VCM 0.8 V Typ (@0.8 A)

Functions
• 1.8 A Max/3-phase motor driver
• 1.2 A Max BTL VCM Driver
• Auto retract
• Soft Switching Matrix
• Start up circuit
• Booster
• Speed Discriminator
• Internal Protector (OTSD, LVI)
• POR
• Power monitor




Similar Part No. - HA13561

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA13563 HITACHI-HA13563 Datasheet
82Kb / 18P
Three-Phase Brushless Motor Driver
HA13563V HITACHI-HA13563V Datasheet
82Kb / 18P
Three-Phase Brushless Motor Driver
HA13565F HITACHI-HA13565F Datasheet
62Kb / 17P
Three-Phase Brushless DC Motor Driver IC
HA13566AF HITACHI-HA13566AF Datasheet
83Kb / 20P
Combo (Spindle & VCM) Driver
HA13568AT HITACHI-HA13568AT Datasheet
97Kb / 22P
CD-ROM Combo Driver
More results


Similar Description - HA13561

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA5345HT PHILIPS-TDA5345HT Datasheet
213Kb / 44P
5 V spindle & VCM driver combo
1999 June 10
logo
STMicroelectronics
L6260 STMICROELECTRONICS-L6260 Datasheet
305Kb / 30P
4.5 – 5.5V DISK DRIVER SPINDLE & VCM, POWER & CONTROL COMBO?셎
November 1996
L7250 STMICROELECTRONICS-L7250 Datasheet
478Kb / 46P
5V & 12V SPINDLE AND VCM MOTORS DRIVER
Jul-2001
logo
Hitachi Semiconductor
HA13557AFH HITACHI-HA13557AFH Datasheet
120Kb / 28P
Combo (Spindle & VCM) Driver
HA13566AF HITACHI-HA13566AF Datasheet
83Kb / 20P
Combo (Spindle & VCM) Driver
HA13571FR HITACHI-HA13571FR Datasheet
103Kb / 22P
Combo (Spindle & VCM) Driver for HDD
HA13614FH HITACHI-HA13614FH Datasheet
122Kb / 26P
Combo (Spindle & VCM) Driver
logo
ATMEL Corporation
AT78C7005 ATMEL-AT78C7005 Datasheet
135Kb / 4P
Spindle/VCM MotorController/Drivers
logo
List of Unclassifed Man...
LD7000 ETC-LD7000 Datasheet
29Kb / 2P
Spindle/VCM Controller and Pre-driver
logo
STMicroelectronics
L7220 STMICROELECTRONICS-L7220 Datasheet
79Kb / 4P
Disk drive spindle and VCM motor driver
24-Dec-2007
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com