Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OS5MPL56D1A Datasheet (PDF) - OptoSupply International

OS5MPL56D1A Datasheet PDF - OptoSupply International
Part # OS5MPL56D1A
Download  OS5MPL56D1A Download
File Size   118.2 Kbytes
Page   1 Pages
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International
Description 4..8mm Straw Warm Whiite 9V LED

OS5MPL56D1A Datasheet (PDF)

Go To PDF Page Download Datasheet
OS5MPL56D1A Datasheet PDF - OptoSupply International

Part # OS5MPL56D1A
Download  OS5MPL56D1A Click to download

File Size   118.2 Kbytes
Page   1 Pages
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International
Description 4..8mm Straw Warm Whiite 9V LED

OS5MPL56D1A Datasheet (HTML) - OptoSupply International




Similar Part No. - OS5MPL56D1A

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OS5M7L51611A-PPW OPTOSUPPLY-OS5M7L51611A-PPW Datasheet
104Kb / 1P
5mm Round Module 110VAC LED
OS5M7NE1E1E OPTOSUPPLY-OS5M7NE1E1E Datasheet
144Kb / 2P
Xeon Power Warm Whiite LED
OS5M7NE1E1EVER.1 OPTOSUPPLY-OS5M7NE1E1EVER.1 Datasheet
144Kb / 2P
Xeon Power Pure White LED 1W 70V
OS5MF3TEC1E OPTOSUPPLY-OS5MF3TEC1E Datasheet
208Kb / 4P
Tops 6WWarm White Ceramic LED
OS5MF3TEC1EVER.3 OPTOSUPPLY-OS5MF3TEC1EVER.3 Datasheet
208Kb / 4P
Tops 6W Pure White Ceramic LED
More results


Similar Description - OS5MPL56D1A

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSM5DK87A1A OPTOSUPPLY-OSM5DK87A1A Datasheet
137Kb / 1P
8mm Straw Warm White LED
OSO5JA87A1A OPTOSUPPLY-OSO5JA87A1A Datasheet
136Kb / 1P
8mm Straw Orange LED
OSR5RU87A1A OPTOSUPPLY-OSR5RU87A1A Datasheet
136Kb / 1P
8mm Straw Red LED
OSV5YL87A1A OPTOSUPPLY-OSV5YL87A1A_12 Datasheet
111Kb / 1P
8mm Straw Violet LED
OSK7DL56A1A OPTOSUPPLY-OSK7DL56A1A Datasheet
121Kb / 1P
4..8mm Straw Purplle Collor LED
OS4WML56D1A OPTOSUPPLY-OS4WML56D1A Datasheet
117Kb / 1P
4..8mm Straw Pure Whiite LED
OS4WPL56D1A OPTOSUPPLY-OS4WPL56D1A Datasheet
118Kb / 1P
4..8mm Straw Pure Whiite 9V LED
OS5M7NE1E1E OPTOSUPPLY-OS5M7NE1E1E Datasheet
144Kb / 2P
Xeon Power Warm Whiite LED
OS5RPM87A1A OPTOSUPPLY-OS5RPM87A1A Datasheet
67Kb / 1P
8mm Straw Red LED
OSM5D4A4X1B OPTOSUPPLY-OSM5D4A4X1B Datasheet
127Kb / 1P
10mm Round Warm Whiite LED
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com