Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OS5OPMA131A Datasheet (PDF) - OptoSupply International

OS5OPMA131A Datasheet PDF - OptoSupply International
Part # OS5OPMA131A
Download  OS5OPMA131A Download
File Size   64.24 Kbytes
Page   1 Pages
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International
Description 10mm Round Orange LED

OS5OPMA131A Datasheet (PDF)

Go To PDF Page Download Datasheet
OS5OPMA131A Datasheet PDF - OptoSupply International

Part # OS5OPMA131A
Download  OS5OPMA131A Click to download

File Size   64.24 Kbytes
Page   1 Pages
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International
Description 10mm Round Orange LED

OS5OPMA131A Datasheet (HTML) - OptoSupply International




Similar Part No. - OS5OPMA131A

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OS5OPM57E1A OPTOSUPPLY-OS5OPM57E1A Datasheet
65Kb / 1P
5mm Flat Orange LED
OS5OPM7BA1B OPTOSUPPLY-OS5OPM7BA1B Datasheet
65Kb / 1P
2x3x4mm Rectangular Orange LED
OS5OPM83C1A OPTOSUPPLY-OS5OPM83C1A Datasheet
69Kb / 1P
8mm Concave Orange LED
More results


Similar Description - OS5OPMA131A

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSO5GAA131A OPTOSUPPLY-OSO5GAA131A Datasheet
96Kb / 1P
10mm Round Giga Orange LED
OSO5MAA131A OPTOSUPPLY-OSO5MAA131A Datasheet
97Kb / 1P
10mm Round Phoenix Orange LED
OSO5SAA131A OPTOSUPPLY-OSO5SAA131A Datasheet
96Kb / 1P
10mm Round Orange LED
OSO5SAA201A OPTOSUPPLY-OSO5SAA201A Datasheet
96Kb / 1P
10mm Bullet Orange LED
OSO5JAA131A OPTOSUPPLY-OSO5JAA131A Datasheet
136Kb / 1P
10mm Round Orange LED
OSO5JAA201A OPTOSUPPLY-OSO5JAA201A Datasheet
136Kb / 1P
10mm Bullet Orange LED
OSO5GAA131A OPTOSUPPLY-OSO5GAA131A_09 Datasheet
136Kb / 1P
10mm Round Giga Orange LED
OSO5M3A131U OPTOSUPPLY-OSO5M3A131U_09 Datasheet
138Kb / 1P
Premium Power 10mm Round Phoenix Orange
OSO5PAA131A OPTOSUPPLY-OSO5PAA131A Datasheet
107Kb / 1P
10mm Round Premium Orange LED
logo
P-tec Corporation
PL24-CTO12 P-TEC-PL24-CTO12 Datasheet
34Kb / 1P
10mm Orange LED
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com