Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

217 Datasheet (PDF) - Microsemi Corporation

217 Datasheet PDF - Microsemi Corporation
Part # 217
Download  217 Download
File Size   365.04 Kbytes
Page   9 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 1.5A Three Terminal Adj. Voltage Regulator

217 Datasheet (PDF)

Go To PDF Page Download Datasheet
217 Datasheet PDF - Microsemi Corporation

Part # 217
Download  217 Click to download

File Size   365.04 Kbytes
Page   9 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 1.5A Three Terminal Adj. Voltage Regulator

217 Datasheet (HTML) - Microsemi Corporation




Similar Part No. - 217

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
217 MARL-217 Datasheet
284Kb / 5P
Direct replacement for E27 (European Standard)
logo
Alpha Wire
217 ALPHAWIRE-217 Datasheet
168Kb / 2P
Mini 7/8" Female 4 Pin Field Attachable
logo
Littelfuse
217 LITTELFUSE-217 Datasheet
995Kb / 4P
5횞20mm fast-acting glass body cartridge fuse designed to IEC specification
logo
List of Unclassifed Man...
217 ETC-217 Datasheet
7Mb / 21P
BOARD LEVEL POWER SEMICONDUCTOR HEAT SINKS
logo
Littelfuse
217 LITTELFUSE-217 Datasheet
258Kb / 4P
FUSE HOLDER SELECTION GUIDE
More results


Similar Description - 217

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK116XXU TOKO-TK116XXU Datasheet
78Kb / 14P
THREE-TERMINAL VOLTAGE REGULATOR
logo
Microsemi Corporation
SG117 MICROSEMI-SG117_06 Datasheet
359Kb / 9P
1.5A Three Terminal Adj. Voltage Regulator
logo
Guangdong Kexin Industr...
LM79L09 KEXIN-LM79L09 Datasheet
63Kb / 1P
Three-terminal Voltage Regulator
logo
Microsemi Corporation
7703401ZA MICROSEMI-7703401ZA Datasheet
365Kb / 9P
TM 1.5A Three Terminal Adj. Voltage Regulator
SG117AIG-DESC MICROSEMI-SG117AIG-DESC Datasheet
365Kb / 9P
1.5A Three Terminal Adj. Voltage Regulator
logo
Guilin Strong Micro-Ele...
GM6202 GSME-GM6202 Datasheet
972Kb / 3P
Three-terminal Voltage Regulator
logo
Guangdong Kexin Industr...
78L03 KEXIN-78L03 Datasheet
365Kb / 1P
Three-Terminal Voltage Regulator
78L05-23 KEXIN-78L05-23 Datasheet
417Kb / 1P
Three-Terminal Voltage Regulator
logo
Galaxy Semi-Conductor H...
BL79LXX BILIN-BL79LXX Datasheet
192Kb / 10P
Three-terminal voltage regulator
Rev.A
logo
Microsemi Corporation
SG117AHV MICROSEMI-SG117AHV Datasheet
455Kb / 13P
1.5A Three Terminal Adj. Voltage Regulator
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com