Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA17451AP Datasheet (PDF) - Hitachi Semiconductor

HA17451AP Datasheet PDF - Hitachi Semiconductor
Part # HA17451AP
Download  HA17451AP Download
File Size   83.28 Kbytes
Page   15 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Switching Regulator Controllers for DC/DC Converters

HA17451AP Datasheet (PDF)

Go To PDF Page Download Datasheet
HA17451AP Datasheet PDF - Hitachi Semiconductor

Part # HA17451AP
Download  HA17451AP Click to download

File Size   83.28 Kbytes
Page   15 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Switching Regulator Controllers for DC/DC Converters

HA17451AP Datasheet (HTML) - Hitachi Semiconductor


HA17451AP Product details

Description

The HA17451 is a dual-channel switching regulator controller IC. Each channel contains the basic circuits for controlling a PWM-type switching-regulator power supply. Both channels are integrated onto the same chip. Both channels can be completely synchronized, using the same oscillator output waveform. Each channel can provide output voltages for step-up, step-down, inverting, and other converter topologies.

These controllers operate at voltages from 3.3 V to 40 V, making them suitable for a wide range of applications. They are ideal for chopper-type DC/DC converters. They are similar to the TL1451, but note that the HA17451A differs from the TL1451A.



Features

•  Low dropout voltage of on-chip 2.5V voltage reference: Vdrop = 0.2 V (typ)

•  Operates throughout wide supply voltagerange: 3.3 V to 40 V

•  Large maximum output current: 50 mA (max)

•  Undervoltage lockout circuit

    High threshold voltage: 3.15 V (typ)

    Low threshold voltage: 2.98 V (typ)

•  Low current drain: 1.5 mA (typ)

•  Operates at wide range of oscillator frequencies: fOSC= 1 kHz to 300 kHz

•  Dead time adjustable through full duty cycle range

•  Surface-mount package (SOP16) for saving space (HA17451AFP)



Functions

•  Low-dropout 2.5V voltage reference

•  Undervoltage lockout

•  Triangle-wave oscillator

•  Adjustable dead-time control

•  Error amplifier

•  Output driver (open-collector transistor type)

•  PWM comparator




Similar Part No. - HA17451AP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA17451 RENESAS-HA17451 Datasheet
499Kb / 38P
Switching Regulator for Chopper Type DC/DC Converter
HA17451 RENESAS-HA17451 Datasheet
439Kb / 34P
Switching Regulator for Chopper Type DC/DC Converter
More results


Similar Description - HA17451AP

ManufacturerPart #DatasheetDescription
logo
Rohm
BA9700A ROHM-BA9700A Datasheet
141Kb / 7P
Switching regulator for DC / DC Converters
logo
Hitachi Semiconductor
HA16116FP HITACHI-HA16116FP Datasheet
250Kb / 34P
Switching Regulator for Chopper Type DC/DC Converter
logo
Toshiba Semiconductor
TPC8012-H TOSHIBA-TPC8012-H Datasheet
125Kb / 4P
Switching Regulator Application DC-DC Converters
logo
Torex Semiconductor
XC6371 TOREX-XC6371 Datasheet
235Kb / 14P
PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371 TOREX-XC6371_1 Datasheet
770Kb / 18P
PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371 TOREX-XC6371_2 Datasheet
742Kb / 19P
PWM Controlled Step-Up DC/DC Controllers/Converters
logo
Renesas Technology Corp
HA16114P RENESAS-HA16114P Datasheet
499Kb / 38P
Switching Regulator for Chopper Type DC/DC Converter
HA16116FP RENESAS-HA16116FP Datasheet
439Kb / 34P
Switching Regulator for Chopper Type DC/DC Converter
logo
Diodes Incorporated
ZXSC4X0 DIODES-ZXSC4X0 Datasheet
483Kb / 17P
DC-DC BOOST SWITCHING CONTROLLERS
Rev 5
ZXSC410 DIODES-ZXSC410_15 Datasheet
512Kb / 17P
DC-DC BOOST SWITCHING CONTROLLERS
Rev 6
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com