Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JFW Datasheet (PDF) - Wall Industries,Inc.

JFW Datasheet PDF - Wall Industries,Inc.
Part # JFW
Download  JFW Download
File Size   486.5 Kbytes
Page   6 Pages
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.
Description 15W Open Frame DC/DC Power Converters

JFW Datasheet (PDF)

Go To PDF Page Download Datasheet
JFW Datasheet PDF - Wall Industries,Inc.

Part # JFW
Download  JFW Click to download

File Size   486.5 Kbytes
Page   6 Pages
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.
Description 15W Open Frame DC/DC Power Converters

JFW Datasheet (HTML) - Wall Industries,Inc.


JFW Product details

DESCRIPTION
The JFW series of DC/DC power converters provides up to 15 Watts of output power in a low profile industry standard package and footprint. These converters have single outputs and operate over 4:1 input voltage ranges of 9-36VDC and 18-75VDC. These units are also protected against short circuit, over current, over voltage, and input under voltage conditions. Some features include high efficiency up to 87%, adjustable output voltage, and positive or negative remote ON/OFF control. These converters are RoHS compliant and have UL60950-1, EN60950-1, and IEC60950-1 safety approvals. Both surface mount (“S” suffix) and DIP (standard) packages are available.

FEATURES
• 15 Watts Maximum Output Power
• Single Output up to 4A
• Cost Efficient Open Frame Design
• Small Size and Low Profile
• High Efficiency up to 87%
• 4:1 Ultra Wide Input Voltage Range
• Fixed Switching Frequency
• Input to Output Isolation: 2250VDC
• CE Marked
• RoHS II & REACH
• No Minimum Load Requirement
• Output Voltage Adjustability
• Industry Standard Pin-Out
• Negative or Positive Remote ON/OFF Control
• Short Circuit, Over Current, Over Voltage, and Input Under
   Voltage Protection
• Surface Mount and Through Hole Types Available
• SMT Package Qualified for Lead-free Reflow Solder Process
   According to IPC J-STD-020D
• UL60950-1, EN60950-1, & IEC60950-1 Safety Approvals

APPLICATIONS
• Wireless Network
• Telecom/Datacom
• Industry Control System
• Measurement Equipment
• Semiconductor Equipment




Similar Part No. - JFW

ManufacturerPart #DatasheetDescription
logo
jb Capacitors Company
JFW JBCAPACITORS-JFW Datasheet
259Kb / 3P
X2 Metallized Polypropylene Film Capacitor
logo
Wall Industries,Inc.
JFW WALL-JFW Datasheet
331Kb / 5P
Up to 15 Watts Open Frame DC/DC Power Converters Single Outputs
logo
jb Capacitors Company
JFW0A9103K100000B JBCAPACITORS-JFW0A9103K100000B Datasheet
259Kb / 3P
X2 Metallized Polypropylene Film Capacitor
JFW0A9103K150000B JBCAPACITORS-JFW0A9103K150000B Datasheet
259Kb / 3P
X2 Metallized Polypropylene Film Capacitor
JFW0A9104K100000B JBCAPACITORS-JFW0A9104K100000B Datasheet
259Kb / 3P
X2 Metallized Polypropylene Film Capacitor
More results


Similar Description - JFW

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SXN15 ARTESYN-SXN15 Datasheet
116Kb / 2P
10.8-15W High Efficiency DC/DC Converters
SXA15 ARTESYN-SXA15 Datasheet
117Kb / 2P
10.8-15W High Efficiency DC/DC Converters
logo
BOSER Technology Co., L...
BPW-8110 BOSER-BPW-8110 Datasheet
156Kb / 1P
120W DC-DC Open Frame Power Supply
logo
RSG Electronic Componen...
EC1SB-24S33 RSG-EC1SB-24S33 Datasheet
275Kb / 1P
13.2 -15 WATT OPEN FRAME DC-DC CONVERTERS
logo
SL Power Electronics
DH1-15 SLPOWER-DH1-15 Datasheet
213Kb / 2P
15W SINGLE OUTPUT DC-DC CONVERTERS
logo
Wall Industries,Inc.
JF WALL-JF Datasheet
646Kb / 6P
15W Open Frame DC/DC Power Converters
LTW WALL-LTW Datasheet
121Kb / 4P
15W DC/DC Power Converters
logo
Astrodyne Corporation
LED15W ASTRODYNE-LED15W Datasheet
595Kb / 4P
Isolated and Regulated 15 Watt Open Frame DC/DC Converters
logo
Wall Industries,Inc.
JFW WALL-JFW_18 Datasheet
331Kb / 5P
Up to 15 Watts Open Frame DC/DC Power Converters Single Outputs
logo
Murata Power Solutions ...
NPH15S MURATA-PS-NPH15S Datasheet
190Kb / 8P
Isolated 15W Single Output DC-DC Converters
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com