Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JRW Datasheet (PDF) - Wall Industries,Inc.

JRW Datasheet PDF - Wall Industries,Inc.
Part # JRW
Download  JRW Download
File Size   347.45 Kbytes
Page   5 Pages
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.
Description 10 Watt DC/DC Power Converters

JRW Datasheet (PDF)

Go To PDF Page Download Datasheet
JRW Datasheet PDF - Wall Industries,Inc.

Part # JRW
Download  JRW Click to download

File Size   347.45 Kbytes
Page   5 Pages
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.
Description 10 Watt DC/DC Power Converters

JRW Datasheet (HTML) - Wall Industries,Inc.


JRW Product details

DESCRIPTION
The JRW series of DC/DC power converters provides 10 watts of output power in a 2.0 x 1.0 x 0.4 inch industry standard package and footprint. This series has single and dual output models with 4:1 ultra wide input voltage ranges of 9-36VDC and 18-75VDC. Some features include high efficiency up to 84%, 1600VDC I/O isolation, and six-sided shielding. This series is also protected against over voltage, over load, and short circuit conditions. This series is RoHS and UL94V-0 compliant and has UL60950-1, EN60950-1, and IEC60950-1 safety approvals.

FEATURES
• 10 Watts Maximum Output Power
• Single and Dual Outputs
• Standard 2.0” x 1.0” x 0.4” Package
• 4:1 Ultra Wide Input Voltage Ranges
• High Efficiency up to 84%
• No Minimum Load Requirement
• 1600VDC I/O Isolation
• Positive or Negative Remote ON/OFF Control Option
• Fixed Switching Frequency: 300KHz
• Over Voltage, Over Load, and Short Circuit Protected
• Extended Operating Temperature Range Available
• Six-Sided Continuous Shielding
• CE Mark Meets 2006/95/EC, 93/68/EEC, and 2004/108/EC
• UL60950-1, EN60950-1, and IEC60950-1 Safety Approvals
• Compliant to RoHS EU Directive 2002/95/EC
• UL94V-0 Compliant

APPLICATIONS
• Wireless Networks
• Telecom / Datacom
• Measurement Equipment
• Industry Control Systems
• Semiconductor Equipment




Similar Part No. - JRW

ManufacturerPart #DatasheetDescription
logo
jb Capacitors Company
JRW JBCAPACITORS-JRW Datasheet
444Kb / 5P
Radial Aluminum Electrolytic Capacitor
logo
Wall Industries,Inc.
JRW WALL-JRW Datasheet
423Kb / 5P
10 Watts Maximum Output Power
logo
Lineage Power Corporati...
JRW017A0B LINEAGEPOWER-JRW017A0B Datasheet
461Kb / 24P
36-75Vdc Input; 1.2Vdc to 12Vdc Output
JRW017A0B1 LINEAGEPOWER-JRW017A0B1 Datasheet
461Kb / 24P
36-75Vdc Input; 1.2Vdc to 12Vdc Output
JRW017A0B1Z LINEAGEPOWER-JRW017A0B1Z Datasheet
461Kb / 24P
36-75Vdc Input; 1.2Vdc to 12Vdc Output
More results


Similar Description - JRW

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM10EW-C AIMTEC-AM10EW-C Datasheet
288Kb / 2P
10 watt dc-dc converters
logo
Wall Industries,Inc.
DCHUB10H WALL-DCHUB10H Datasheet
350Kb / 4P
10 Watt DC/DC Power Converters
DCMJU10 WALL-DCMJU10 Datasheet
157Kb / 6P
10 Watt DC/DC Power Converters
JFC10 WALL-JFC10 Datasheet
160Kb / 5P
10 Watt DC/DC Power Converters
JFCW10 WALL-JFCW10 Datasheet
762Kb / 5P
10 Watt DC/DC Power Converters
JR WALL-JR Datasheet
348Kb / 5P
10 Watt DC/DC Power Converters
DCHUB10H WALL-DCHUB10H_16 Datasheet
449Kb / 4P
10 Watt DC/DC Power Converters
DCMJU10 WALL-DCMJU10_18 Datasheet
893Kb / 6P
10 Watt DC/DC Power Converters
JFCW10 WALL-JFCW10_16 Datasheet
583Kb / 5P
10 Watt DC/DC Power Converters
JFC10 WALL-JFC10_16 Datasheet
469Kb / 5P
10 Watt DC/DC Power Converters
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com